Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSO13 Datasheet(PDF) 1 Page - TEMEX

Part # HSO13
Description  10-13 Short-term stability class OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO13 Datasheet(HTML) 1 Page - TEMEX

  HSO13 Datasheet HTML 1Page - TEMEX HSO13 Datasheet HTML 2Page - TEMEX HSO13 Datasheet HTML 3Page - TEMEX HSO13 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Stability Oscillator series
HSO 13
10
-13 Short-term stability class OCXO
December 24th, 2014
Specifications subject to change without notice
Shortform, 51001807.110, Issue A0
1 / 4
www.rakon.com
Specific request can be addressed to RAKON hirel@rakon.com
Product Description
The Rakon HSO13 is available with an Allan Standard Deviation of 5.10
-13 down to 2.10-13 @5&10MHz.
It is in the 10
-11 stability class over the temperature range of 0°C to +50°C and is available at 5MHz,
10MHz and around these two frequencies. The HSO13 is specially designed to meet the request of the
calibration and metrology laboratories that have high stability frequency standards but also the
applications that require high performance reference oscillators like the ground stations.
Features
High Stability Oscillator (HSO), Oven Controlled
Crystal Oscillator (OCXO)
Frequency: 5 or 10 MHz
Short-term stability: down to 2.10-13 @5&10MHz
Stability over 0°C to +50°C: ± 5.10-11
Supply Voltage: +12V
Package: pin-through-hole (67x60x40mm)
Ageing: ± 5.10-11 per day
Applications
Reference oscillator for laboratories
GPS receivers
Master clocks
Ground stations
Specifications
1. Environmental conditions
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Operating Temperature
Max. 1°C / hour
0
25
50
°C
Non-Operating Temperature
0
25
50
°C
Storage Temperature
0
50
°C
Frequency stability after mechanical
shocs
Half sine 30g/11 ms
± 1E-8
Frequency stability after sine
vibrations
10 to 500Hz 10g acceleration
± 5E-9
2. Electrical interface
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Power supply
11.40
12
12.60
V
Load Impedance
47.5
50
52.5
W


Similar Part No. - HSO13

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
HSO13 RAKON-HSO13 Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10812V10M RAKON-HSO13PTH10812V10M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10812V5M RAKON-HSO13PTH10812V5M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10824V10M RAKON-HSO13PTH10824V10M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10824V5M RAKON-HSO13PTH10824V5M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
More results

Similar Description - HSO13

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
Excellent long term stability
logo
TEMEX
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
Excellent long-term stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com