Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 1 Page - STMicroelectronics

  L7985 Datasheet HTML 1Page - STMicroelectronics L7985 Datasheet HTML 2Page - STMicroelectronics L7985 Datasheet HTML 3Page - STMicroelectronics L7985 Datasheet HTML 4Page - STMicroelectronics L7985 Datasheet HTML 5Page - STMicroelectronics L7985 Datasheet HTML 6Page - STMicroelectronics L7985 Datasheet HTML 7Page - STMicroelectronics L7985 Datasheet HTML 8Page - STMicroelectronics L7985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
September 2014
DocID022446 Rev 7
1/42
L7985
2 A step-down switching regulator
Datasheet
- production data
Features
 2 A DC output current
 4.5 V to 38 V input voltage
 Output voltage adjustable from 0.6 V
 250 KHz switching frequency, programmable
up to 1 MHz
 Internal soft-start and enable
 Low dropout operation: 100% duty cycle
 Voltage feed-forward
 Zero load current operation
 Overcurrent and thermal protection
 VFQFPN 3 x 3 - 10L and HSOP8 package
Applications
 Consumer: STB, DVD, DVD recorder, car
audio, LCD TV and monitors
 Industrial: PLD, PLA, FPGA, chargers
 Networking: XDSL, modems, DC-DC modules
 Computer: optical storage, hard disk drive,
printers, audio/graphic cards
 LED driving
Description
The L7985/A is a step-down switching regulator
with a 2.5 A (minimum) current limited embedded
power MOSFET, so it is able to deliver up to 2 A
current to the load depending on the application
conditions. The input voltage can range from
4.5 V to 38 V, while the output voltage can be set
starting from 0.6 V to VIN. Requiring a minimum
set of external components, the device includes
an internal 250 kHz switching frequency oscillator
that can be externally adjusted up to 1 MHz. The
QFN and the HSOP packages with exposed pad
allow the reduction of RthJA down to 60 °C/W and
40 °C/W respectively.
Figure 1. Application circuit
VFQFPN10 3 x 3 mm
HSOP8 exp. pad
www.st.com


Similar Part No. - L7985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980A STMICROELECTRONICS-L7980A Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980ATR STMICROELECTRONICS-L7980ATR Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980TR STMICROELECTRONICS-L7980TR Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7981 STMICROELECTRONICS-L7981 Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
More results

Similar Description - L7985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Texas Instruments
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
STMicroelectronics
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
Voltage feed-forward
19-Apr-2011
A5975D STMICROELECTRONICS-A5975D Datasheet
1Mb / 50P
Voltage feed-forward
19-Apr-2011
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com