Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7985 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7985 Datasheet HTML 9Page - STMicroelectronics L7985 Datasheet HTML 10Page - STMicroelectronics L7985 Datasheet HTML 11Page - STMicroelectronics L7985 Datasheet HTML 12Page - STMicroelectronics L7985 Datasheet HTML 13Page - STMicroelectronics L7985 Datasheet HTML 14Page - STMicroelectronics L7985 Datasheet HTML 15Page - STMicroelectronics L7985 Datasheet HTML 16Page - STMicroelectronics L7985 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID022446 Rev 7
13/42
L7985
Functional description
42
If the output voltage is shorted, VOUT 0,IOUT = ILIM, D/FSW = TON_MIN, (1 - D)/FSW 1/FSW.
So, from Equation 3, the maximum switching frequency that guarantees to limit the current
results:
Equation 4
With RDSON = 300 m, DCR = 0.08 , the worst condition is with VIN = 38 V, ILIM = 2.5 A; the
maximum frequency to keep the output current limited during the short-circuit results
74 kHz.
The pulse-by-pulse mechanism, which reduces the switching frequency down to one eighth
of the maximum FSW, adjusted by the FSW pin, assures that a full effective output current
limitation is 74 kHz * 8 = 592 kHz.
If, with VIN = 38 V, the switching frequency is set higher than 592 kHz, during short-circuit
condition the system finds a different equilibrium with higher current. For example, with
FSW = 700 kHz and the output shorted to ground, the output current is limited around:
Equation 5
where FSW* is 700 kHz divided by eight.
Figure 8. Overcurrent protection
FSW
*
VF DCR I
+
LIM

VIN
RDSON DCR
+
 I
LIM

-------------------------------------------------------------------------------
1
TON_MIN
----------------------
=
IOUT
VIN FSW
*
VF TON_MIN
DRC TON_MIN

RDSON DCR
+
 F
SW
*
+
----------------------------------------------------------------------------------------------------------------
3.68A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com