Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7985 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L7985 Datasheet HTML 25Page - STMicroelectronics L7985 Datasheet HTML 26Page - STMicroelectronics L7985 Datasheet HTML 27Page - STMicroelectronics L7985 Datasheet HTML 28Page - STMicroelectronics L7985 Datasheet HTML 29Page - STMicroelectronics L7985 Datasheet HTML 30Page - STMicroelectronics L7985 Datasheet HTML 31Page - STMicroelectronics L7985 Datasheet HTML 32Page - STMicroelectronics L7985 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID022446 Rev 7
29/42
L7985
Application information
42
6.7
Application circuit
In Figure 18 the demonstration board application circuit is shown.
Figure 18. Demonstration board application circuit
Table 9. Component list
Reference
Part number
Description
Manufacturer
C1
UMK325BJ106MM-T
10
F, 50 V
Taiyo Yuden
C2
GRM32ER61E226KE15
22
F, 25 V
Murata
C3
3.3 nF, 50 V
C4
33 nF, 50 V
C5
100 pF, 50 V
C6
470 nF, 50 V
R1
4.99 k
, 1%, 0.1 W 0603
R2
1.1 k
, 1%, 0.1 W 0603
R3
330
, 1%, 0.1 W 0603
R4
1.5 k
, 1%, 0.1 W 0603
R5
150 k
1%, 0.1 W 0603
D1
STPS3L40
3A DC, 40 V
STMicroelectronics
L1
MSS1038-103NL
10
H, 30%, 3.9 A,
DCRMAX=35 m
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com