Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DocID029656 Rev 2
21/129
ST25R3911B
Functional overview
71
procedure ensures that the input to the digitizing window comparator is less than 3.5 times
larger than its threshold.
AGC operation is controlled by the control bits agc_en, agc_m and agc_fast in the Receiver
Configuration Register 2. Bit agc_en enables the AGC operation, bit agc_m defines the
AGC mode, and bit agc_alg defines the AGC algorithm.
Two AGC modes are available. The AGC can operate during the complete Rx process (as
long as signal rx_on is high), or it can be enabled only during the first eight sub-carrier
pulses.
Two AGC algorithms are available. The AGC can either start by presetting code 4h (max
digitizer window, max gain) or by resetting the code to 0h (min digitizer window, max gain).
The algorithm with preset code is faster, therefore it is recommended for protocols with short
SOF (like ISO14443A fc/128).
Default AGC settings are:
•
AGC is enabled
•
AGC operates during complete Rx process
•
algorithm with preset is used.
RSSI
The receiver also performs the RSSI (Received Signal Strength Indicator) measurement for
both channels. The RSSI measurement is started after the rising edge of rx_on. It stays
active as long as signal rx_on is high, it is frozen while rx_on is low. The RSSI is a peak hold
system, and the value can only increase from the initial zero value. Every time the AGC
reduces the gain the RSSI measurement is reset and starts from zero. Result of RSSI
measurements is a 4-bit value that can be observed by reading the RSSI Display Register.
The LSB step is 2.8 dB, and the maximum code is Dh (13d).
Since the RSSI measurement is of peak hold type the RSSI measurement result does not
follow any variations in the signal strength (the highest value will be kept). In order to follow
RSSI variations it is possible to reset the RSSI bits and restart the measurement by sending
the direct command Clear RSSI.
Receiver in NFCIP-1 active communication mode
There are several features built into the receiver to enable reliable reception of active
NFCIP-1 communication. All these settings are automatically preset by sending the direct
command Analog Preset after the NFCIP-1 mode has been configured. In addition to the
filtering options, there are two NFCIP-1 active communication mode specific configuration
bits stored in the Receiver Configuration Register 3.
Bit lim enables clipping circuits that are positioned after the first and second gain stages.
The function of the clipping circuits is to limit the signal level for the following filtering stage
(when the NFCIP-1 peer is close the input signal level can be quite high).
Bit rg_nfc forces gain reduction of second and third filtering stage to -6 dB while keeping the
digitizer comparator window at maximum level.
1.2.4
Capacitive sensor
The Capacitive sensor block (Figure 5) gives the possibility of low power detection of tag
presence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com