Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 129 page
background image
DocID029656 Rev 2
23/129
ST25R3911B
Functional overview
71
Capacitor sensor calibration
The capacitive sensor comprises a calibration unit that internally compensates the parasitic
capacitances between CSI and CSO, thus leaving full measurement range for information
about capacitance variation. Five bits are used to control the calibration. The minimum
calibration step and the available calibration range are, respectively, 0.1 pF and 3.1 pF. The
calibration can be done manually by writing to the Capacitive Sensor Control Register or
automatically by sending the direct command Calibrate Capacitive Sensor. The status of the
Calibrate Capacitive Sensor command and the resulting calibration value are stored in the
Capacitive Sensor Display Register.
In order to avoid interference of the capacitive sensor with the Xtal oscillator and the reader
magnetic field and to assure repetitive results it is strongly recommended to perform
capacitance measurement and calibration in Power-down mode only.
1.2.5
Wake-Up mode
Asserting the Operation Control Register bit wu while the other bits are set to 0 puts the
ST25R3911B in Wake-Up mode, used to perform low power detection of card presence.
The ST25R3911B includes several possibilities of low power detection of a card presence
(capacitive sensor, phase measurement, amplitude measurement). An integrated low power
32 kHz RC oscillator and a register configurable Wake-Up timer are used to schedule
periodic detection.
Usually the presence of a card is detected by a so-called polling loop. In this process the
reader field is periodically turned on and the controller checks whether a card is present
using RF commands. This procedure consumes a lot of energy since the reader field has to
be turned on for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader
environment, produced by a card. When a change is detected, an interrupt is sent to the
controller. As a result, the controller can perform a regular polling loop.
In the Wake-Up mode the ST25R3911B periodically performs the configured reader
environment measurements and sends an IRQ to the controller when a difference to the
configured reference value is detected.
Detection of card presence can be done by performing phase,amplitude and capacitive
sensor measurements.
Presence of a card close to the reader antenna coil produces a change of the antenna LC
tank signal phase and amplitude. The reader field activation time needed to perform the
phase or the amplitude measurement is extremely short (~20 μs) compared to the activation
time needed to send a protocol activation command.
Additionally the power level during the measurement can be lower than the power level
during normal operation since the card does not have to be powered to produce a coupling
effect. The emitted power can be reduced by changing the RFO Normal Level Definition
Register.
The capacitive sensor detects a change of the parasitic capacitance between the two
excitation electrodes. This change in capacitance can be caused by a card antenna or a
hand holding the card. See Section 1.1.5: Capacitive sensor for a detailed information on
the capacitive sensor.
The registers on locations from 31h to 3Dh are dedicated to Wake-Up timer configuration
and display. The Wake-Up Timer Control Register is the main Wake-Up mode configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com