Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM034V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM034V2
Description  Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM034V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM034V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 7Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 8Page - STMicroelectronics STEVAL-IHM034V2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For further information contact your local STMicroelectronics sales office.
January 2014
DocID025675 Rev 2
1/13
STEVAL-IHM034V2
Dual motor control and PFC evaluation board featuring
the STM32F103 and STGIPS20C60
Data brief
Features
• Nominal power 1300 W, max. power 1700 W
• Digital PFC section:
– Single-stage boost converter based on the
STGW35HF60W (or STW38N65M5) and
STTH15R06D or (STPSC1206D)
– AC mains current sensing
– DC bus voltage sensing
– Hardware overcurrent protection
– Hardware overvoltage protection
– AC mains voltage zero crossing detection
– Rectified AC mains voltage sensing
– External boost inductor
• Inverter section (motor 1 drive):
– IGBT intelligent power module
STGIPS20C60 in SDIP 25L molded
package
– 3-shunt or DC link motor current sensing
– Hardware overcurrent protection
– Heatsink temperature measurement
– Overcurrent protection disabling network
• Control section:
– Centralized dual motor control and PFC
drive, using the STM32F103RCT6
– MC connector to drive the second motor
power stage (a compatible power board,
such as the STEVAL-IHM021V1, STEVAL-
IHM024V1, or STEVAL-IHM032V1, can be
plugged here)
– SWD programming and debugging
– JTAG programming
– Opto-isolated USART communication
• Other functions:
– User key, reset, potentiometer, user LED,
NTC relay, test points
• Power supply:
– +15 V, +3.3 V power supply
• RoHS compliant
www.st.com


Similar Part No. - STEVAL-IHM034V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM032V1 STMICROELECTRONICS-STEVAL-IHM032V1 Datasheet
140Kb / 4P
150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
25-Oct-2011
STEVAL-IHM033V1 STMICROELECTRONICS-STEVAL-IHM033V1 Datasheet
131Kb / 6P
External oscillator
20-Oct-2011
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
More results

Similar Description - STEVAL-IHM034V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
26-Sep-2011
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
STEVAL-IHM036V1 STMICROELECTRONICS-STEVAL-IHM036V1 Datasheet
314Kb / 6P
Low power motor control board featuring the SLLIMM??STGIPN3H60 and MCU STM32F100C6T6B
14-May-2012
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
UM0900 STMICROELECTRONICS-UM0900 Datasheet
1Mb / 43P
1 kW 3-phase motor control demonstration board featuring
25-May-2010
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
logo
STMicroelectronics
STEVAL-GLA001V1 STMICROELECTRONICS-STEVAL-GLA001V1 Datasheet
3Mb / 11P
Triac and AC switch insulated control evaluation board
19-Feb-2019
STEVAL-EDUKIT01 STMICROELECTRONICS-STEVAL-EDUKIT01 Datasheet
224Kb / 3P
Evaluation kit for education on motor control and control systems
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com