Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT008V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-IHT008V1
Description  DC bus disconnection at standby to reduce loss below 0.3 W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT008V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-IHT008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STEVAL-IHT008V1
Schematic diagram
DocID028931 Rev 1
5/7
Figure 5: STEVAL-IHT008V1 Flyback SMPS schematic
GSPG2801161140SG
L1
GND _DC
5V_DC
15V_DC
VCC _AC
GND _AC
VCC _INS
GND _INS
GND_DC
TP22
GND _AC
C32
10u F
C36
100 n
C37
100u F
T6
m yrra7401 0
5
8
6
3
7
9
2
1
D16
STPS 115 0
R58
150
TP26
Drain_viper
D12
1.5KE 300 A
C38
1n
U12
viper26L D
VDD
FB
TP25
VCC _INS
C39
330 n
D14
STT H1l06
R52
47R / 1W
D17
D1N414 8
C35
680p F
C28
220u F
R55
10k
C34
2.2uF
C29
1,5m F
TP29
GND _DC
TP24
GND _DC
U11
LM2931_ DPAK
1
IN
3
OUT
TP28
5V_DC
U10
LM2931_ DPA K
1
IN
3
OUT
TP23
15V_DC
C33
22u F
TP27
GND _INS
R57
22k
D11
STPS 115 0
D15
STPS 115 0
D13
1N400 7
2
1
R54
36k
TP21
VCC _AC
C31
100u F
R56
20k
C30
220u F
L2
1m H_W E_TI
R53
47R / 1W
DC Power Supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com