Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT008V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT008V1
Description  DC bus disconnection at standby to reduce loss below 0.3 W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT008V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHT008V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
February 2016
DocID028931 Rev 1
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IHT008V1
Low standby loss front-end with inrush current limitation and
insulated AC switch control
Data brief
Features
Fully electronic solution without the need for
an inrush current limiter resistor and bulky
by-pass electromechanical relay
DC bus disconnection at standby to reduce
loss below 0.3 W
Inrush current compliant with IEC61000-3-3
Operation allowed with PFC (continuous or
discontinuous)
EN 55015, IEC 61000-4-11 compliant
Criteria A @ 2 kV IEC 61000-4-5 and @ 4
kV IEC 61000-4-4
Insulated control of AC switches used to
drive AC loads for residential appliances
RoHS compliant
Description
The STEVAL-IHT008V1 evaluation board limits
the inrush current charging a DC bus capacitor
so that it is compliant with the IEC 61000-3-3
standard. This inrush current is based on a soft-
start procedure for the rectifier bridge achieved
with a Triac added in series with the mains line,
which is controlled through progressive phase-
control during the startup phase.
This solution drastically reduces standby losses
as the DC bus can be totally disconnected from
the AC mains when it is not required. The DC bus
is easily turned off by turning off the series Triac,
without needing an additional relay to open the
circuit in standby.
Steady-state losses are also reduced because
NTC resistors, traditionally used to limit inrush
current, are not required; nor are the
corresponding relays to bypass them.
This board also demonstrates that AC loads can
be driven with an isolated easy-to-design solution
by using the same power supply as the whole
system and some opto-transistors which control
the AC switches.


Similar Part No. - STEVAL-IHT008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
STEVAL-IHT004V1 STMICROELECTRONICS-STEVAL-IHT004V1 Datasheet
194Kb / 5P
AC timer demonstration board on HT triacs and ST7Lite1b
16-Jul-2009
More results

Similar Description - STEVAL-IHT008V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-17 POWERINT-DI-17 Datasheet
46Kb / 2P
17 W, PC Standby
logo
NXP Semiconductors
AN11012 PHILIPS-AN11012_15 Datasheet
1Mb / 36P
Using the TEA1703 to reduce standby power
Rev. 1-30 March 2011
logo
Power Mate Technology C...
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
XP Power Limited
BCS XPPOWER-BCS Datasheet
666Kb / 4P
DC Standby System
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506 Datasheet
825Kb / 19P
Reduce Number of DC-DC Regulators to Stock
Rev 1; 5/15
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
Green-Mode PWM Controller below 100mW Standby Power
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
Low insertion loss which can reduce power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com