Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT008V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IHT008V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHT008V1
Download  STEVAL-IHT008V1 Download
File Size   322.28 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC bus disconnection at standby to reduce loss below 0.3 W

STEVAL-IHT008V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHT008V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHT008V1
Download  STEVAL-IHT008V1 Click to download

File Size   322.28 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC bus disconnection at standby to reduce loss below 0.3 W

STEVAL-IHT008V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IHT008V1 Product details

Description
The STEVAL-IHT008V1 evaluation board limits the inrush current charging a DC bus capacitor so that it is compliant with the IEC 61000-3-3 standard. This inrush current is based on a softstart procedure for the rectifier bridge achieved with a Triac added in series with the mains line, which is controlled through progressive phasecontrol during the startup phase. This solution drastically reduces standby losses as the DC bus can be totally disconnected from the AC mains when it is not required. The DC bus is easily turned off by turning off the series Triac, without needing an additional relay to open the circuit in standby. Steady-state losses are also reduced because NTC resistors, traditionally used to limit inrush current, are not required; nor are the corresponding relays to bypass them. This board also demonstrates that AC loads can be driven with an isolated easy-to-design solution by using the same power supply as the whole system and some opto-transistors which control the AC switches.




Similar Part No. - STEVAL-IHT008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
STEVAL-IHT004V1 STMICROELECTRONICS-STEVAL-IHT004V1 Datasheet
194Kb / 5P
AC timer demonstration board on HT triacs and ST7Lite1b
16-Jul-2009
More results


Similar Description - STEVAL-IHT008V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-17 POWERINT-DI-17 Datasheet
46Kb / 2P
17 W, PC Standby
logo
NXP Semiconductors
AN11012 PHILIPS-AN11012_15 Datasheet
1Mb / 36P
Using the TEA1703 to reduce standby power
Rev. 1-30 March 2011
logo
Power Mate Technology C...
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
TAD100 P-DUKE-TAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
logo
XP Power Limited
BCS XPPOWER-BCS Datasheet
666Kb / 4P
DC Standby System
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506 Datasheet
825Kb / 19P
Reduce Number of DC-DC Regulators to Stock
Rev 1; 5/15
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
logo
Grenergy Opto, lnc.
GR8830 GRENERGY-GR8830 Datasheet
936Kb / 13P
Green-Mode PWM Controller below 100mW Standby Power
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
Low insertion loss which can reduce power consumption
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com