Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA057V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA057V1
Description  Short-circuit protection based on auto-restart feature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA057V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA057V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA057V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA057V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA057V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/4
4
STEVAL-ISA057V1
15 W wide range SMPS for metering based on the ESBT™
STC03DE220HV and L6565 PWM controller
Features
Minimum input voltage: 125 VDC
Maximum input voltage: 1250 VDC
Output voltage: 5 V to 3.0 A
Maximum output power: 15 W
Short-circuit protection based on auto-restart
feature
Minimum switching frequency limited to 30 kHz
Safety compliant according EN60950
Overall converter efficiency > 60%
Not galvanic isolated solution used in most
metering applications
PCB type and size:
– Material of PCB: FR4
– Double side layout
– Total diameter of demonstration board
58 x 120 mm
Description
This demonstration board implements a 15 W
flyback SMPS which is a very popular and much
known topology in applications switch mode
power supplies where the required output power
is in the range of 5 W to 200 W.
The converter is based on the L6565 PWM driver
working in quasi resonant mode, it means zero
voltage switching or at least switching in valley
during turn-off phases and current mode primary
control.
Excellent wide voltage input range from 125 VDC
to 1250 VDC with good efficiency.
For this application is used an ESBTswitch:
STC03DE22HV.
The ESBTis a cascade configuration of a high
voltage BJT and a low voltage power MOSFET.
STMicroelectronics optimizes performance of
both devices and offers this kind of switch in one
single package to reduce application complexity,
EMI, price and increase reliability and
performance.
STEVAL-ISA057V1
www.st.com


Similar Part No. - STEVAL-ISA057V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA050V1 STMICROELECTRONICS-STEVAL-ISA050V1 Datasheet
158Kb / 4P
Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
12-Nov-2008
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
STEVAL-ISA051V2 STMICROELECTRONICS-STEVAL-ISA051V2 Datasheet
131Kb / 4P
Latched OVP, UVP and thermal shutdown
03-Mar-2008
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
More results

Similar Description - STEVAL-ISA057V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
Short circuit protection with auto restart
13-Sep-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com