Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSH30N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSH30N60C
Description  High Speed IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH30N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXSH30N60C Datasheet HTML 1Page - IXYS Corporation IXSH30N60C Datasheet HTML 2Page - IXYS Corporation IXSH30N60C Datasheet HTML 3Page - IXYS Corporation IXSH30N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
10
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
3100
pF
C
oes
V
CE
= 25 V, V
GE = 0 V, f = 1 MHz
240
pF
C
res
30
pF
Q
g
100
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
30
nC
Q
gc
38
nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
30N60B
150
270
ns
30N60C
90
150
ns
t
fi
30N60B
140
270
ns
30N60C
70
120
ns
E
off
30N60B
1.5
2.5
mJ
30N60C
0.7
1.2
mJ
t
d(on)
35
ns
t
ri
35
ns
E
on
0.5
mJ
t
d(off)
30N60B
270
ns
30N60C
150
ns
t
fi
30N60B
250
ns
30N60C
140
E
off
30N60B
2.5
mJ
30N60C
1.2
mJ
R
thJC
0.62 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE
= 0.8 V
CES, RG = 4.7 Ω
Note 1
TO-247 AD Outline
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE
= 0.8 V
CES, RG = 4.7 Ω
Note 1
IXSH/IXST 30N60B
IXSH/IXST 30N60C
Notes: 1. Switching times may increase for V
CE (Clamp) > 0.8
V
CES, higher TJ or
increased R
G.
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector
TO-268 Outline
Min Recommended Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com