Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSH30N60C Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXSH30N60C
Description  High Speed IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH30N60C Datasheet(HTML) 3 Page - IXYS Corporation

  IXSH30N60C Datasheet HTML 1Page - IXYS Corporation IXSH30N60C Datasheet HTML 2Page - IXYS Corporation IXSH30N60C Datasheet HTML 3Page - IXYS Corporation IXSH30N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2001 IXYS All rights reserved
V
CE-Volts
0
5
10
15
20
25
30
35
40
10
100
1000
10000
T
J - Degrees C
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
V
CE - Volts
01
2
3
45
0
20
40
60
80
100
V
GE - Volts
4
6
8
1012
1416
0
20
40
60
80
100
120
140
V
CE - Volts
024
68
10
0
40
80
120
160
200
13V
11V
9V
7V
V
CE = 10V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 15A
I
C = 30A
I
C = 60A
T
J = 125°C
Crss
f = 1Mhz
7V
5V
V
GE = 15V
T
J = 25°C
V
CE - Volts
02
468
10
0
20
40
60
80
100
120
T
J = 125°C
Ciss
Coss
V
GE = 15V
7V
9V
11V
13V
VGS=15V
9V
11V
13V
Fig.3 Collector-Emitter Voltage
Fig.4 Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig.5Input Admittance
Fig.6 Temperature Dependence of
Breakdown and Threshold Voltage
Fig.1 Saturation Characteristics
Fig.2 Output Characterstics
IXSH/IXST 30N60B
IXSH/IXST 30N60C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com