Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSH30N60C Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSH30N60C
Description  High Speed IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH30N60C Datasheet(HTML) 1 Page - IXYS Corporation

  IXSH30N60C Datasheet HTML 1Page - IXYS Corporation IXSH30N60C Datasheet HTML 2Page - IXYS Corporation IXSH30N60C Datasheet HTML 3Page - IXYS Corporation IXSH30N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C55
A
I
C90
T
C
= 90
°C30
A
I
CM
T
C
= 25
°C, 1 ms
110
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 2.7 Ω
I
CM = 60
A
(RBSOA)
Clamped inductive load, V
CC= 0.8 VCES
@ 0.8 V
CES
t
SC
V
GE = 15 V, VCE = 360 V, TJ = 125°C
10
µs
(SCSOA)
R
G
= 33
Ω, non repetitive
P
C
T
C
= 25
°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
(TO-247)
1.13/10 Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 2.5 mA, V
CE = VGE
47
V
I
CES
V
CE
= 0.8 V
CES
T
J = 25°C
100
µA
V
GE
= 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
V
GE
= 15 V; I
C = IC90
30N60B
2.0
V
30N60C
2.5
V
Features
l International standard packages
l Short Circuit SOA capability
l High frequency IGBT
l New generation HDMOSTM process
Applications
l AC motor speed control
l DC servo and robot drives
l DC choppers
l Uninterruptible power supplies (UPS)
l Switch-mode and resonant-mode
power supplies
Advantages
l Easy to mount with 1 screw
(isolated mounting screw hole)
l Surface mountable, high power case
style
l Reduce assembly time and cost
l High power density
98519B (11/01)
G = Gate
S = Source
TAB = Drain
TO-247 AD (IXSH)
(TAB)
TO-268 (D3) ( IXST)
(TAB)
G
S
High Speed IGBT
Short Circuit SOA Capability
V
CES
I
CES
t
fi
IXSH/IXST 30N60B
600 V 2.0 V 140 ns
IXSH/IXST 30N60C
600 V 2.5 V
70 ns


Similar Part No. - IXSH30N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60CD1 IXYS-IXSH30N60CD1 Datasheet
72Kb / 2P
Short Circuit SOA Capability
More results

Similar Description - IXSH30N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH40N60 IXYS-IXSH40N60 Datasheet
55Kb / 2P
High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
High speed IGBT
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
Low V IGBT High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
High Speed IGBT
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
High Speed IGBT
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
High Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
High speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
High-Speed IGBT
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
High-Speed IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com