Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVJS3151P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVJS3151P
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVJS3151P Datasheet(HTML) 2 Page - ON Semiconductor

  NVJS3151P Datasheet HTML 1Page - ON Semiconductor NVJS3151P Datasheet HTML 2Page - ON Semiconductor NVJS3151P Datasheet HTML 3Page - ON Semiconductor NVJS3151P Datasheet HTML 4Page - ON Semiconductor NVJS3151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTJS3151P, NVJS3151P
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−12
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
10
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = −9.6 V,
VDS = 0 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−2.5
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±4.5 V
±1.5
mA
VDS = 0 V, VGS = ±12 V
±10
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 100 mA
−0.40
−1.2
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
3.4
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −3.3 A
45
60
m
W
VGS = −2.5 V, ID = −2.9 A
67
90
VGS = −1.8 V, ID = −1.0 A
133
160
Forward Transconductance
gFS
VGS = −10 V, ID = −3.3 A
15
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −12 V
850
pF
Output Capacitance
COSS
170
Reverse Transfer Capacitance
CRSS
110
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −5.0 V,
ID = −3.3 A
8.6
nC
Gate−to−Source Charge
QGS
1.3
Gate−to−Drain Charge
QGD
2.2
Gate Resistance
RG
3000
W
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −6.0 V,
ID = −1.0 A, RG = 6.0 W
0.86
ms
Rise Time
tr
1.5
Turn−Off Delay Time
td(OFF)
3.5
Fall Time
tf
3.9
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −3.3 A
TJ = 25°C
−0.85
−1.2
V
TJ = 125°C
−0.7
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: pulse width
≤ 300ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com