Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVJS3151P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVJS3151P
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVJS3151P Datasheet(HTML) 1 Page - ON Semiconductor

  NVJS3151P Datasheet HTML 1Page - ON Semiconductor NVJS3151P Datasheet HTML 2Page - ON Semiconductor NVJS3151P Datasheet HTML 3Page - ON Semiconductor NVJS3151P Datasheet HTML 4Page - ON Semiconductor NVJS3151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 4
1
Publication Order Number:
NTJS3151/D
NTJS3151P, NVJS3151P
Trench Power MOSFET
12 V, 3.3 A, Single P−Channel,
ESD Protected SC−88
Features
• Leading Trench Technology for Low RDS(ON) Extending Battery Life
• SC−88 Small Outline (2x2 mm, SC70−6 Equivalent)
• Gate Diodes for ESD Protection
• NV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• High Side Load Switch
• Cell Phones, Computing, Digital Cameras, MP3s and PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Drain−to−Source Voltage
VDSS
−12
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25 °C
ID
−2.7
A
TA = 85 °C
−2.0
t
≤ 5 s
TA = 25 °C
−3.3
Power Dissipation
(Note 1)
Steady
State
TA = 25 °C
PD
0.625
W
Pulsed Drain Current
tp = 10 ms
IDM
−8.0
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
−0.8
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Max
Units
Junction−to−Ambient – Steady State
RqJA
200
°C/W
Junction−to−Ambient − t
≤ 5 s
RqJA
141
Junction−to−Lead – Steady State
RqJL
102
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
SC−88/SOT−363
CASE 419B
STYLE 28
MARKING DIAGRAM &
PIN ASSIGNMENT
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
XXX M
G
G
1
6
1
XXX
= Device Code
M
= Date Code
G
= Pb−Free Package
DD
S
DD
G
(Note: Microdot may be in either location)
V(BR)DSS
RDS(on) Typ
ID Max
−12 V
45 m
W @ −4.5 V
67 m
W @ −2.5 V
133 m
W @ −1.8 V
−3.3 A
Top View
SC−88 (SOT−363)
D
D
S
D
D
6
5
4
1
2
3
G
S
D
G
3 k
W


Similar Part No. - NVJS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVJS4151P ONSEMI-NVJS4151P Datasheet
121Kb / 5P
Single P?묬hannel Trench Power MOSFET
August, 2014 ??Rev. 1
NVJS4405N ONSEMI-NVJS4405N Datasheet
135Kb / 5P
Small Signal MOSFET
October, 2011 ??Rev. 6
NVJS4405NT1G ONSEMI-NVJS4405NT1G Datasheet
135Kb / 5P
Small Signal MOSFET
October, 2011 ??Rev. 6
More results

Similar Description - NVJS3151P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
Trench Power MOSFET
FMM300-0055P IXYS-FMM300-0055P Datasheet
46Kb / 2P
Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
Trench Power MOSFET
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
Trench Power MOSFET
FMM140-004PL IXYS-FMM140-004PL Datasheet
32Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTMD4102PR2 ONSEMI-NTMD4102PR2 Datasheet
47Kb / 4P
Trench Power MOSFET
March, 2003 - Rev. 0
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
Trench Power MOSFET
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com