Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVJS3151P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVJS3151P
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVJS3151P Datasheet(HTML) 3 Page - ON Semiconductor

  NVJS3151P Datasheet HTML 1Page - ON Semiconductor NVJS3151P Datasheet HTML 2Page - ON Semiconductor NVJS3151P Datasheet HTML 3Page - ON Semiconductor NVJS3151P Datasheet HTML 4Page - ON Semiconductor NVJS3151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTJS3151P, NVJS3151P
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
−2 V
125
°C
0
8
6
3
2
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
2
0
1
Figure 1. On−Region Characteristics
0
8
1.5
12
0.5
0
4.5
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
8
1000
100
Figure 3. On−Resistance vs. Drain Current and
Temperature
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.5
3.5
0
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.0
0.8
0.6
0.4
0
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
100000
2
TJ = −55°C
VGS = 0 V
0.1
75
150
TJ = 25°C
ID = −3.3 A
VGS = −4.5 V
25
°C
2.0
VGS = −4.5 V
−1.2 V
012
−1.4 V
−1.6 V
−2.4 V
0.075
0.05
45
10000
1.5
2.5
7.5
0.025
VGS = −4.5 V
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
0.2
−ID, DRAIN CURRENT (AMPS)
0.5
0
VGS = −4.5 V
0.1
0.4
VGS = −2.5 V
0.3
4
10
TJ = 125°C
TJ = −55°C
0.2
TJ = 25°C
VGS = −1.8 V
1.8
1.6
1.4
1.2
TJ = 125°C
TJ = 150°C
2.5
3
2
4
6
VDS ≤ −12 V
VGS = −3.4 V
4
3.5
6.5
4.5
5.5
0.5
3.5
1.5
2.5
7.5
6.5
4.5
5.5
46



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com