Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9638 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9638
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9638 Datasheet HTML 6Page - STMicroelectronics L9638 Datasheet HTML 7Page - STMicroelectronics L9638 Datasheet HTML 8Page - STMicroelectronics L9638 Datasheet HTML 9Page - STMicroelectronics L9638 Datasheet HTML 10Page - STMicroelectronics L9638 Datasheet HTML 11Page - STMicroelectronics L9638 Datasheet HTML 12Page - STMicroelectronics L9638 Datasheet HTML 13Page - STMicroelectronics L9638 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
L9638
Figure 7. Typical Application Circuit
W
UP
T
XD
I
NH
V
S
E
N
R
XD
GND
LIN
V
CR
V
o
W
D
V
S
E
N
R
ES
GND
V
CW
µC
E
N
T
XD
R
XD
GND
W
D
R
ES
V
CC
V
BAT
V
S
C
O
C
TW
C
S
C
TR
C
LIN
EXTERNAL
SWITCH
R
S
R
LIN
LIN
BUS
1
2
3
45
6
7
8
1
2
3
4
5
6
7
8
Suggested Values
CS =100 nF
CTW = 47 nF
CLIN_MASTER = 1 nF
RS = 100 k
Ω
CTR = 1 nF
CO = 10 µF
CLIN_SLAVE = 220 pF
RLIN = 1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com