Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9638 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9638
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638 Datasheet(HTML) 1 Page - STMicroelectronics

  L9638 Datasheet HTML 1Page - STMicroelectronics L9638 Datasheet HTML 2Page - STMicroelectronics L9638 Datasheet HTML 3Page - STMicroelectronics L9638 Datasheet HTML 4Page - STMicroelectronics L9638 Datasheet HTML 5Page - STMicroelectronics L9638 Datasheet HTML 6Page - STMicroelectronics L9638 Datasheet HTML 7Page - STMicroelectronics L9638 Datasheet HTML 8Page - STMicroelectronics L9638 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
L9638
October 2004
1
FEATURES
■ Single-wire transceiver for LIN-protocol
■ Transmission rate up to 20 kbaud
■ Operating power supply voltage range 6V
≤ Vs
≤ 26V (40V for transients)
■ Low quiescent current in sleep mode (typ.10
µA)
■ Wake-up through LIN-bus, Enable input (from
µC CMOS compatible) or Wake-up input (edge
driven)
■ Wide input and output range -24V
≤ VLIN ≤ Vs
■ Integrated pull/down/up resistors for LIN, TxD,
RxD, EN, INH
■ Inhibit output with low resistance (<40
Ω) versus
Vs and short circuit protection
■ CMOS compatible TxD, RxD Interface
■ EMI robustness optimised
■ Thermal shutdown and LIN short circuit
protection
2
DESCRIPTION
The L9638 is a monolithic integrated circuit for
LIN-bus interface function between the protocol
handler in the controller and the physical bus in
automotive applications.
As well as it can be used in standard ISO 9141
systems.
SO-8
LIN BUS TRANSCEIVER
Figure 1. Block Diagram
VS
TxD
WUP
RxD
LIN
INH
EN
Internal
Voltage
Regulator
Int.5V
GND
Glitch
Filter
Glitch
Filter
VS_D
Control
Logic
Protection
VS_D
VS
TxD
WUP
RxD
LIN
INH
EN
Internal
Voltage
Regulator
Int.5V
GND
Glitch
Filter
VS
TxD
WUP
RxD
LIN
INH
EN
Internal
Voltage
Regulator
Int.5V
GND
Glitch
Filter
Glitch
Filter
VS_D
Control
Logic
Protection
VS_D
Table 1. Order Codes
Part Number
Package
L9638D
SO-8
L9638D013TR
Tape & Reel
Rev. 4


Similar Part No. - L9638

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
110 kV MICROFOCUS X-RAY SOURCE
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
SQUIB RESISTANCE MEASUREMENT
Oct-2004
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637 STMICROELECTRONICS-L9637 Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
More results

Similar Description - L9638

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH8082 ETC-TH8082 Datasheet
175Kb / 14P
Single LIN Bus Transceiver
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
lin bus transceiver with integrated voltage regulator
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com