Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9638 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9638
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638 Datasheet(HTML) 2 Page - STMicroelectronics

  L9638 Datasheet HTML 1Page - STMicroelectronics L9638 Datasheet HTML 2Page - STMicroelectronics L9638 Datasheet HTML 3Page - STMicroelectronics L9638 Datasheet HTML 4Page - STMicroelectronics L9638 Datasheet HTML 5Page - STMicroelectronics L9638 Datasheet HTML 6Page - STMicroelectronics L9638 Datasheet HTML 7Page - STMicroelectronics L9638 Datasheet HTML 8Page - STMicroelectronics L9638 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
L9638
2/14
Table 2. Pin Description
Figure 2. Pin Connection
Table 3. Absolute Maximum Ratings
Table 4. Thermal Data
Pin No.
Pin Name
Function
1
RxD
Receive data Output
2
EN
Enable Input
Digital control signal for low power modes
3
WUP
Wake-Up Input
Local wake-up from sleep mode sensitive to positive and negative edges
4
TxD
Transmit data Input
5
GND
Ground
6
LIN
Bidirectional I/O
7
Vs
Supply voltage
8
INH
Inhibit Output, battery related high side switch for controlling external Voltage
Regulator
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.3 to 40
V
VLIM
Pin Voltage
-24 to 40
V
VINH ,WUP
Pin Voltage
-0.3 to 40
V
VRxD ,TxD, EN Pin Voltage
-0.3 to 6
V
VESD
HBM: all pins withstand ±2KV; pin 6 (LIN) is able to withstand
±8kV versus GND and +8/-5kV versus VS
Symbol
Parameter
Value
Unit
TJ_OP
Operating junction temperature
-40 to150
°C
Rth j-amb
Thermal steady state junction to ambient resistance
145
K/W
TJ_SD
Thermal shutdown temperature
170 ±20
°C
Tstg
Storage temperature
-55 to 150
°C
RxD
EN
WUP
TxD
GND
LIN
Vs
INH
1
3
2
4
6
5
7
8
D04AT514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com