Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4622-1ARJZ-R2
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4622-1ARJZ-R2 Datasheet HTML 25Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 30Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 31Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 32Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 29 of 34
Calculate the noise bandwidth at the fN frequency by
F
F
S
GBP
N
C
C
C
f
f
)
(
Figure 96 shows the ADA4622-1/ADA4622-2 configured as
a transimpedance photodiode amplifier. The amplifiers are
used in conjunction with a photodiode detector with an input
capacitance of 5 pF. Figure 97 shows the transimpedance response
of the ADA4622-1/ADA4622-2 when IPHOTO is 1 μA p-p. The
amplifiers have a bandwidth of 2 MHz when they are maximized
for a 45° phase margin with CF = 2 pF. Note that with the PCB
parasitics added to CF, the peaking is only 0.5 dB, and the
bandwidth is reduced slightly.
Increasing CF to 3 pF completely eliminates the peaking;
however, increasing CF to 3 pF reduces the bandwidth to 1 MHz.
Table 11 shows the noise sources and total output noise for the
photodiode preamp, where the preamp is configured to have a
45° phase margin for maximum bandwidth and fZ = fX = fN in
this case.
0.1µF
+5V
49.9kΩ
VOUT
0.1µF
–5V
–5V
100Ω
2pF
ADA4622-1/
ADA4622-2
Figure 96. Photodiode Preamplifier
10
100
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1k
10k
100k
FREQUENCY (Hz)
1M
10M
100M
2pF
3pF
Figure 97. Photodiode Preamplifier Frequency Response
Table 11. RMS Noise Contributions of the Photodiode Preamplifier
Contributor
Expression
RMS Noise (μV)1
RF
2
π
N
F
f
R
4kT
50.8
VNOISE
N
F
D
F
M
S
NOISE
f
C
C
C
C
C
V
2
)
(
131.6
Root Sum Square (RSS) Total
2
2
NOISE
F
V
R 
141
1 RMS noise with RF = 50 kΩ, CS = 5 pF, CF = 2 pF, CM = 3.7 pF, and CD = 0.4 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com