Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4622-1ARJZ-R2
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4622-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
30 V, 8 MHz, Low Bias Current,
Single-Supply, RRO, Precision Op Amps
Data Sheet
ADA4622-1/ADA4622-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Next generation of the AD820/AD822
Wide gain bandwidth product: 8 MHz typical
High slew rate: +23 V/μs/−18 V/μs typical
Low input bias current: ±10 pA maximum at TA = 25°C
Low offset voltage
A grade: ±0.8 mV maximum at TA = 25°C
B grade: ±0.35 mV maximum at TA = 25°C
Low offset voltage drift
A grade: ±2 μV/°C typical, ±15 μV/°C maximum
B grade: ±2 μV/°C typical, ±5 μV/°C maximum
Input voltage range includes Pin V−
Rail-to-rail output
Electromagnetic interference rejection ratio (EMIRR)
90 dB typical at f = 1000 MHz and f = 2400 MHz
Industry-standard package and pinouts
APPLICATIONS
High output impedance sensor interfaces
Photodiode sensor interfaces
Transimpedance amplifiers
ADC drivers
Precision filters and signal conditioning
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
ADA4622-1
TOP VIEW
(Not to Scale)
–IN
+IN
V–
NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
V+
OUT
NIC
DISABLE
Figure 1. 8-Lead SOIC Pin Configuration, ADA4622-1 (See the Pin
Configurations and Function Descriptions Section for Additional Pin
Configurations)
1
2
3
4
–IN A
+IN A
V–
OUT A
8
7
6
5
OUT B
–IN B
+IN B
V+
ADA4622-2
(Not to Scale)
TOP VIEW
Figure 2. 8-Lead MSOP Pin Configuration, ADA4622-2 (See the Pin
Configurations and Function Descriptions Section for Additional Pin
Configurations)
GENERAL DESCRIPTION
The ADA4622-1/ADA4622-2 are the next generation of the
AD820 and the AD822 single-supply, rail-to-rail output (RRO),
precision junction field effect transistors (JFET) input op amps.
The ADA4622-1/ADA4622-2 include many improvements
that make them desirable as an upgrade without compromising
the flexibility and ease of use that makes the AD820 and the
AD822 useful for a wide variety of applications.
The input voltage range includes the negative supply and the
output swings rail-to-rail. Input EMI filters increase the signal
robustness in the face of closely located switching noise sources.
The speed, in terms of bandwidth and slew rate, increases along
with a strong output drive to improve settling time performance
and enable the devices to drive the inputs of modern single-ended,
successive approximation register (SAR) analog-to-digital
converters (ADCs).
Voltage noise is reduced; while keeping the supply current the
same as the AD820 and the AD822, broadband noise is reduced by
25%, and 1/f is reduced by half. DC precision in the ADA4622-1/
ADA4622-2 improved from the AD820 and the AD822 with
half the offset and a maximum thermal drift specification added
to the ADA4622-1/ADA4622-2. The common-mode rejection
ratio (CMRR) is improved from the AD820 and the AD822 to
make the ADA4622-1/ADA4622-2 more suitable when used in
noninverting gain and difference amplifier configurations.
The ADA4622-1/ADA4622-2 are specified for operation over the
extended industrial temperature range of −40°C to +125°C and
operates from 5 V to 30 V with specifications at +5 V, ±5 V, and
±15 V. The ADA4622-1 is available in a 5-lead SOT-23 package
and an 8-lead LFCSP package, and the ADA4622-2 is available in
an 8-lead SOIC package, an 8-lead MSOP package, and an 8-lead
LFCSP package.


Similar Part No. - ADA4622-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-1ARJZ-R2 AD-ADA4622-1ARJZ-R2 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
ADA4622-1ARJZ-R2 AD-ADA4622-1ARJZ-R2 Datasheet
3Mb / 36P
30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
Rev. F
More results

Similar Description - ADA4622-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Microchip Technology
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Analog Devices
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
REV. 0
logo
3PEAK INC.
TP1271 3PEAK-TP1271 Datasheet
1Mb / 16P
36V Single Supply, Precision RRO Op-amps With 7MHz Bandwidth
TP2271 3PEAK-TP2271 Datasheet
1Mb / 16P
36V Single Supply, 7MHz Bandwidth, RRO Op-amps
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
logo
Analog Devices
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com