Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARJZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4622-1ARJZ-R2
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4622-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 21Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 22Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 23Page - Analog Devices ADA4622-1ARJZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 20 of 34
–6
–3
0
3
6
–3
–2
–1
0
1
0123
456789
10
TIME (µs)
VSY = ±5V
Figure 56. Negative Overload Recovery, AV = −10, VSY = ±5 V
–3
–2
–1
1
0
2
–2.0
–1.5
–1.0
0
–0.5
0.5
01
23456789
10
TIME (µs)
VSY = ±2.5V
Figure 57. Negative Overload Recovery, AV = −10, VSY = ±2.5 V
–5
5
15
25
35
–15
–10
–5
0
5
0
12
345
678
9
10
TIME (µs)
VSY = ±15V
Figure 58. Positive Overload Recovery, AV = −10, VSY = ±15 V
–3
0
3
9
6
12
–4
–3
–2
0
–1
1
0
123
4567
89
10
TIME (µs)
VSY = ±5V
Figure 59. Positive Overload Recovery, AV = −10, VSY = ±5 V
–1
1
0
2
4
3
5
–2.5
–2.0
–1.5
0
–0.5
–1.0
0.5
01
23
45
67
8
9
10
TIME (µs)
VSY = ±2.5V
Figure 60. Positive Overload Recovery, AV = −10, VSY = ±2.5 V
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
–25
–20
–15
–10
-5
0
5
10
0123
45678
9
10
TIME (µs)
VSY = ±15V
VIN = ±5V
Figure 61. Positive Settling Time, AV = −10, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com