Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 15Page - STMicroelectronics LIS2DH12TR Datasheet HTML 16Page - STMicroelectronics LIS2DH12TR Datasheet HTML 17Page - STMicroelectronics LIS2DH12TR Datasheet HTML 18Page - STMicroelectronics LIS2DH12TR Datasheet HTML 19Page - STMicroelectronics LIS2DH12TR Datasheet HTML 20Page - STMicroelectronics LIS2DH12TR Datasheet HTML 21Page - STMicroelectronics LIS2DH12TR Datasheet HTML 22Page - STMicroelectronics LIS2DH12TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
DocID025056 Rev 6
19/53
LIS2DH12
Terminology and functionality
53
The LIS2DH12 features a data-ready signal (DRDY) which indicates when a new set of
measured acceleration data is available, thus simplifying data synchronization in the digital
system that uses the device.
The LIS2DH12 may also be configured to generate an inertial wake-up and free-fall interrupt
signal according to a programmed acceleration event along the enabled axes. Both free-fall
and wake-up can be available simultaneously on two different pins.
3.5
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and zero-g level (TyOff).
The trim values are stored inside the device in non-volatile memory. Any time the device is
turned on, these values are downloaded into the registers to be used during active
operation. This allows using the device without further calibration.
3.6
FIFO
The LIS2DH12 contains a 10-bit, 32-level FIFO. Buffered output allows the following
operation modes: FIFO, Stream, Stream-to-FIFO and FIFO bypass. When FIFO bypass
mode is activated, FIFO is not operating and remains empty. In FIFO mode, measurement
data from acceleration detection on the x, y, and z-axes are stored in the FIFO buffer.
3.7
Temperature sensor
In order to enable the internal temperature sensor, bits TEMP_EN[1:0] in register
TEMP_CFG_REG (1Fh) and the BDU bit in CTRL_REG4 (23h) have to be set.
The temperature is available in OUT_TEMP_L (0Ch), OUT_TEMP_H (0Dh) stored as two’s
complement data, left-justified.
The temperature data format can be 10 bits if LPen (bit 3) in CTRL_REG1 (20h) is cleared
(high-resolution / normal mode), otherwise, in low-power mode, the ADC resolution is 8-bit.
Refer to Table 5: Temperature sensor characteristics for the conversion factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com