Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 29Page - STMicroelectronics LIS2DH12TR Datasheet HTML 30Page - STMicroelectronics LIS2DH12TR Datasheet HTML 31Page - STMicroelectronics LIS2DH12TR Datasheet HTML 32Page - STMicroelectronics LIS2DH12TR Datasheet HTML 33Page - STMicroelectronics LIS2DH12TR Datasheet HTML 34Page - STMicroelectronics LIS2DH12TR Datasheet HTML 35Page - STMicroelectronics LIS2DH12TR Datasheet HTML 36Page - STMicroelectronics LIS2DH12TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
DocID025056 Rev 6
33/53
LIS2DH12
Register description
53
8
Register description
8.1
STATUS_REG_AUX (07h)
8.2
OUT_TEMP_L (0Ch), OUT_TEMP_H (0Dh)
Temperature sensor data. Refer to Section 3.7: Temperature sensor for details on how to
enable and read the temperature sensor output data.
8.3
WHO_AM_I (0Fh)
Device identification register.
8.4
CTRL_REG0 (1Eh)
Note:
Leave bits 0 through 6 at the default value in order to ensure correct operation of the device.
Table 22. STATUS_REG_AUX register
--
TOR
--
--
--
TDA
--
--
Table 23. STATUS_REG_AUX description
TOR
Temperature data overrun. Default value: 0
(0: no overrun has occurred;
1: new temperature data has overwritten the previous data)
TDA
Temperature new data available. Default value: 0
(0: new temperature data is not yet available;
1: new temperature data is available)
Table 24. WHO_AM_I register
00110011
Table 25. CTRL_REG0 register
SDO_PU_DISC
0(1)
1. This bit must be set to 0 for correct operation of the device.
0(1)
1(2)
2. This bit must be set to 1 for correct operation of the device.
0(1)
0(1)
0(1)
0(1)
Table 26. CTRL_REG0 description
SDO_PU_DISC
Disconnect SDO/SA0 pull-up. Default value: 00010000
(0: pull-up connected to SDO/SA0 pin;
1: pull-up disconnected to SDO/SA0 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com