Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 32Page - STMicroelectronics LIS2DH12TR Datasheet HTML 33Page - STMicroelectronics LIS2DH12TR Datasheet HTML 34Page - STMicroelectronics LIS2DH12TR Datasheet HTML 35Page - STMicroelectronics LIS2DH12TR Datasheet HTML 36Page - STMicroelectronics LIS2DH12TR Datasheet HTML 37Page - STMicroelectronics LIS2DH12TR Datasheet HTML 38Page - STMicroelectronics LIS2DH12TR Datasheet HTML 39Page - STMicroelectronics LIS2DH12TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Register description
LIS2DH12
36/53
DocID025056 Rev 6
8.7
CTRL_REG2 (21h)
8.8
CTRL_REG3 (22h)
Table 32. CTRL_REG2 register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HP_IA2
HP_IA1
Table 33. CTRL_REG2 description
HPM[1:0]
High-pass filter mode selection. Default value: 00
Refer to Table 34 for filter mode configuration
HPCF[2:1]
High-pass filter cutoff frequency selection
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPCLICK
High-pass filter enabled for CLICK function.
(0: filter bypassed; 1: filter enabled)
HP_IA2
High-pass filter enabled for AOI function on Interrupt 2.
(0: filter bypassed; 1: filter enabled)
HP_IA1
High-pass filter enabled for AOI function on Interrupt 1.
(0: filter bypassed; 1: filter enabled)
Table 34. High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset by reading REFERENCE (26h) register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 35. CTRL_REG3 register
I1_CLICK
I1_IA1
I1_IA2
I1_ZYXDA
0(1)
1. This bit must be set to ‘0’ for correct operation of the device.
I1_WTM
I1_OVERRUN
--
Table 36. CTRL_REG3 description
I1_CLICK
CLICK interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)
I1_IA1
IA1 interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)
I1_IA2
IA2 interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)
I1_ZYXDA
ZYXDA interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)
I1_WTM
FIFO watermark interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)
I1_OVERRUN
FIFO overrun interrupt on INT1 pin. Default value: 0
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com