Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DH Datasheet(PDF) 6 Page - STMicroelectronics

Part # MP23AB01DH
Description  Omnidirectional sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MP23AB01DH Datasheet HTML 2Page - STMicroelectronics MP23AB01DH Datasheet HTML 3Page - STMicroelectronics MP23AB01DH Datasheet HTML 4Page - STMicroelectronics MP23AB01DH Datasheet HTML 5Page - STMicroelectronics MP23AB01DH Datasheet HTML 6Page - STMicroelectronics MP23AB01DH Datasheet HTML 7Page - STMicroelectronics MP23AB01DH Datasheet HTML 8Page - STMicroelectronics MP23AB01DH Datasheet HTML 9Page - STMicroelectronics MP23AB01DH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Absolute maximum ratings
MP23AB01DH
6/12
DocID030017 Rev 1
3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 5: Absolute maximum ratings
Symbol
Ratings
Maximum
value
Unit
Vdd
Supply voltage
-0.5 to 4.8
V
TSTG
Storage temperature range
-40 to +105
°C
ESD
(HBM) ANSI/ESDA/JEDEC JS001
±2000
V
ESD
(MM) EIA/JESD22-A115
±200
V
ESD
(CDM) JESD22-C101
±750
V
ESD (1)
Per IEC61000-4-2, 3
discharges, 150 pF, 330 Ω direct contact to
housing. MIC must be at zero potential before each discharge.
±8000
V
Notes:
(1)Bypass capacitor 200 nF or 1 µF (better), is definitely recommended for ESD main clamp integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com