Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DH Datasheet(PDF) 10 Page - STMicroelectronics

Part # MP23AB01DH
Description  Omnidirectional sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MP23AB01DH Datasheet HTML 4Page - STMicroelectronics MP23AB01DH Datasheet HTML 5Page - STMicroelectronics MP23AB01DH Datasheet HTML 6Page - STMicroelectronics MP23AB01DH Datasheet HTML 7Page - STMicroelectronics MP23AB01DH Datasheet HTML 8Page - STMicroelectronics MP23AB01DH Datasheet HTML 9Page - STMicroelectronics MP23AB01DH Datasheet HTML 10Page - STMicroelectronics MP23AB01DH Datasheet HTML 11Page - STMicroelectronics MP23AB01DH Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Reliability tests
MP23AB01DH
10/12
DocID030017 Rev 1
6
Reliability tests
The device passed all reliability tests on three different assembly lots under the following
conditions in the table below.
Table 7: Tests and summary of results
Test name
Description
Conditions
HTOL: High Temperature
Operating Life
The device is stressed in dynamic configuration, approaching the operative
max. absolute ratings in terms of junction temperature, load current, internal
power dissipation.
Vdd(max) = 3.6 V;
Tamb = 125 °C
JESD22a108
HTS: High Temperature Storage
The device is stored in an unbiased condition at the maximum temperature
allowed by the package materials, sometimes higher than the maximum
operative temperature.
Ta = 125 °C
JESD22a103
PC (JL3): Preconditioning (solder
simulation)
The device is submitted to a typical temperature profile used for surface
mounting, after controlled moisture absorption
TC: Temperature Cycling
The device is submitted to cycled temperature excursions, between a hot
and a cold chamber in air atmosphere
Ta Cycling: -40 °C ±125°C
JESD22a104
ESD (HBM): Electrostatic
Discharge (Human Body Model)
The device is submitted to a high voltage peak on all his pins simulating
ESD stress according to different simulation models.
Voltage ±2000 V
JEDEC / JESD22-A114E
ESD (MM): Electrostatic Discharge
(Machine Model)
Voltage +/-200V
JEDEC/JESD-A115-A
ESD (CDM): Electrostatic
Discharge (Charged Device
Model)
Voltage ±750 V
ANSI / ESD STM 5.3.1
ESDA
LU (CI): Latch-up (Overvoltage
and Current Injection)
The device is submitted to a direct current forced/sunk into the input/output
pins. Removing the direct current, no change in the supply current must be
observed.
Current injection ±200 mA
Overvoltage 1.5 x Vmax
EIA/JESD78
THB: Temperature Humidity Bias
The device is biased in static configuration minimizing its internal power
dissipation, and stored at controlled conditions for ambient temperature and
relative humidity.
Vdd(nom) = 2.7 V
T = 85 ° C / RH = 85%
JESD22a108
LTS: Low Temperature Storage
The device is stored in an unbiased condition at the min. temperature
allowed by the package materials, sometimes lower than the min. op. temp
Ta = -40°C
JESD22a119
MS: Mechanical Shock
The device is submitted to 10000 g / 0.1 ms
5 shocks for each axis.
10000 g / 0.1 ms
5 shocks for each axis,
under bias
MIL STD 883MIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com