Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DH Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP23AB01DH
Description  Omnidirectional sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH Datasheet(HTML) 4 Page - STMicroelectronics

  MP23AB01DH Datasheet HTML 1Page - STMicroelectronics MP23AB01DH Datasheet HTML 2Page - STMicroelectronics MP23AB01DH Datasheet HTML 3Page - STMicroelectronics MP23AB01DH Datasheet HTML 4Page - STMicroelectronics MP23AB01DH Datasheet HTML 5Page - STMicroelectronics MP23AB01DH Datasheet HTML 6Page - STMicroelectronics MP23AB01DH Datasheet HTML 7Page - STMicroelectronics MP23AB01DH Datasheet HTML 8Page - STMicroelectronics MP23AB01DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Acoustic and electrical specifications
MP23AB01DH
4/12
DocID030017 Rev 1
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 2.7 V, No Load, Tamb = 25 °C
unless otherwise specified.
Table 3: Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
Vdd
Supply voltage
2.3
2.7
3.6
V
Idd
Current consumption
250
µA
So
Sensitivity
@1 kHz
(0 dB = 1 V/Pa)
-39
-38
-37
dBV
SNR
Signal-to-noise ratio
A-weighted
(20 Hz - 20 kHz)
65
dB(A)
PSR
Power supply rejection
100 mVpp
sine wave @217 Hz
-100
dB
AOP
Acoustic overload point
135
dBSPL
Zout
Output impedance
400
Ω
Cload
Load capacitance
150
pF
Rload
Load resistance
30
κΩ
Top
Operating temperature range
-40
+85
°C
Notes:
(1)Typical specifications are not guaranteed.
Table 4: Typical distortion specifications at 1 kHz sine wave input
Parameter
Test condition
Typ. value
THD+N
94 dBSPL
< 0.2%
110 dBSPL
< 0.5%
120 dBSPL
< 3%
130 dBSPL
< 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com