Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33AB01HTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # MP33AB01HTR
Description  MEMS audio surface-mount bottom-port silicon microphone with analog output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01HTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MP33AB01HTR Datasheet HTML 5Page - STMicroelectronics MP33AB01HTR Datasheet HTML 6Page - STMicroelectronics MP33AB01HTR Datasheet HTML 7Page - STMicroelectronics MP33AB01HTR Datasheet HTML 8Page - STMicroelectronics MP33AB01HTR Datasheet HTML 9Page - STMicroelectronics MP33AB01HTR Datasheet HTML 10Page - STMicroelectronics MP33AB01HTR Datasheet HTML 11Page - STMicroelectronics MP33AB01HTR Datasheet HTML 12Page - STMicroelectronics MP33AB01HTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID024171 Rev 3
9/13
MP33AB01H
Package mechanical data
13
Figure 5. RHLGA 3.76 mm x 2.95 mm x 1.0 mm package outline
E1
A1
N2
L2
N3
L3
G2
d
P2
R1
E2
G3
E
D
C
K
K D
K E
K C
K
Pin 1 Indicator
Pin 1 Indicator
G4
Pad 5
Pad 6
TOP VIEW
BOTTOM VIEW
//
8233292_D
Table 7. RHLGA 3.76 mm x 2.95 mm x 1.0 mm package dimensions
Symbol
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
0.900
1.000
1.100
0.0354
0.0394
0.0433
D1
3.660
3.760
3.860
0.1441
0.1480
0.1520
D2
0.600
0.750
0.900
0.0236
0.0295
0.0354
R1
0.200
0.250
0.300
0.0079
0.0098
0.0118
E1
2.850
2.950
3.050
0.1122
0.1161
0.1201
E2
1.325
1.475
1.625
0.0522
0.0581
0.0640
L1
2.690
2.740
2.790
0.1059
0.1079
0.1098
L2
1.882
1.932
1.982
0.0741
0.0761
0.0780
L3
1.981
2.031
2.181
0.0780
0.0800
0.0859
N1
1.300
1.350
1.400
0.0512
0.0531
0.0551
N2
0.916
0.966
1.116
0.0361
0.0380
0.0440
N3
0.965
1.015
1.065
0.0380
0.0400
0.0419
G1
0.673
0.723
0.763
0.0265
0.0285
0.0300
G2
0.512
0.562
0.612
0.0202
0.0221
0.0241
G3
0.562
0.612
0.662
0.0221
0.0241
0.0261
G4
0.562
0.612
0.662
0.0221
0.0241
0.0261
G5
1.174
1.224
1.274
0.0462
0.0482
0.0502
P1
1.680
1.730
1.780
0.0661
0.0681
0.0701
P2
1.275
1.325
1.375
0.0502
0.0522
0.0541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com