Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33AB01HTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP33AB01HTR
Description  MEMS audio surface-mount bottom-port silicon microphone with analog output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01HTR Datasheet(HTML) 1 Page - STMicroelectronics

  MP33AB01HTR Datasheet HTML 1Page - STMicroelectronics MP33AB01HTR Datasheet HTML 2Page - STMicroelectronics MP33AB01HTR Datasheet HTML 3Page - STMicroelectronics MP33AB01HTR Datasheet HTML 4Page - STMicroelectronics MP33AB01HTR Datasheet HTML 5Page - STMicroelectronics MP33AB01HTR Datasheet HTML 6Page - STMicroelectronics MP33AB01HTR Datasheet HTML 7Page - STMicroelectronics MP33AB01HTR Datasheet HTML 8Page - STMicroelectronics MP33AB01HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
October 2013
DocID024171 Rev 3
1/13
MP33AB01H
MEMS audio surface-mount bottom-port silicon microphone with
analog output
Datasheet
- production data
Features
 Single supply voltage
 Low power consumption
 Omnidirectional sensitivity
 High signal-to-noise ratio
 High bandwidth
 Package compliant with reflow soldering
Description
The MP33AB01H is a compact, low-power
microphone built with a low-profile sensing
element.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP33AB01H has an acoustic overload point
of 125 dBSPL with a 66 dB signal-to-noise ratio.
The MP33AB01H is available in a package
compliant with reflow soldering and is guaranteed
to operate over an extended temperature range
from -30 °C to +100 °C.
RHLGA 3.76 x 2.95 x 1.0 mm
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
MP33AB01H
-30 to +100
RHLGA (3.76 x 2.95 x 1.0) mm
Tray
MP33AB01HTR
-30 to +100
RHLGA (3.76 x 2.95 x 1.0) mm
Tape and reel
www.st.com


Similar Part No. - MP33AB01HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01 STMICROELECTRONICS-MP33AB01 Datasheet
447Kb / 13P
Low power consumption
September 2013 Rev 2
More results

Similar Description - MP33AB01HTR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
STMicroelectronics
MP23ABS1 STMICROELECTRONICS-MP23ABS1 Datasheet
568Kb / 15P
High-performance MEMS audio sensor: single-ended analog bottom-port microphone
28-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com