Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33AB01HTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP33AB01HTR
Description  MEMS audio surface-mount bottom-port silicon microphone with analog output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01HTR Datasheet(HTML) 4 Page - STMicroelectronics

  MP33AB01HTR Datasheet HTML 1Page - STMicroelectronics MP33AB01HTR Datasheet HTML 2Page - STMicroelectronics MP33AB01HTR Datasheet HTML 3Page - STMicroelectronics MP33AB01HTR Datasheet HTML 4Page - STMicroelectronics MP33AB01HTR Datasheet HTML 5Page - STMicroelectronics MP33AB01HTR Datasheet HTML 6Page - STMicroelectronics MP33AB01HTR Datasheet HTML 7Page - STMicroelectronics MP33AB01HTR Datasheet HTML 8Page - STMicroelectronics MP33AB01HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Acoustic and electrical specifications
MP33AB01H
4/13
DocID024171 Rev 3
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 2.2 V unless otherwise noted.
Table 3. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1.
Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.5
2.2
3.6
V
Idd
Current consumption
mean value = 2 V
0.25
mA
FR
Frequency range
100
10000
Hz
So
Sensitivity
at 1 kHz (0 dB = 1 V/Pa)
-41
-38
-35
dBV
SNR
Signal-to-noise ratio
at 1 kHz (0 dB = 1 V/Pa)
64
66
dB
Top
Operating temperature range
-30
+100
°C
Table 4. Distortion specifications at 1 kHz
Parameter
Test condition
Value
Distortion
94 dBSPL
< 1% THD
Distortion
125 dBSPL
10% THD (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com