Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB02TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # MP34DB02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MP34DB02TR Datasheet HTML 2Page - STMicroelectronics MP34DB02TR Datasheet HTML 3Page - STMicroelectronics MP34DB02TR Datasheet HTML 4Page - STMicroelectronics MP34DB02TR Datasheet HTML 5Page - STMicroelectronics MP34DB02TR Datasheet HTML 6Page - STMicroelectronics MP34DB02TR Datasheet HTML 7Page - STMicroelectronics MP34DB02TR Datasheet HTML 8Page - STMicroelectronics MP34DB02TR Datasheet HTML 9Page - STMicroelectronics MP34DB02TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Acoustic and electrical specifications
MP34DB02
6/17
DocID026103 Rev 2
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 1.8 V, Clock = 2.4 MHz,
T = 25 °C, unless otherwise noted.
Table 3: Acoustic and electrical characteristics
Sym.
Parameter
Test condition
Min.
Typ.
(1)
Max.
Unit
Vdd
Supply voltage
1.64
1.8
3.6
V
Idd
Current consumption in
normal mode
Mean value
(2)
0.65
mA
IddPdn
Current consumption in
power-down mode
(3)
20
µA
Scc
Short-circuit current
1
10
mA
AOP
Acoustic overload point
120
dBSPL
So
Sensitivity
at 1 kHz, 1 Pa
-29
-26
-23
dBFS
SNR
Signal-to-noise ratio
A-weighted at 1 kHz,
1 Pa
62.6
dB
PSR
Power supply rejection
100 mVpp square
wave @ 217 Hz,
A-weighted
-86
dBFS
Clock
Input clock frequency
(4)
1
2.4
3.25
MHz
TWK
Wake-up time
(5)
guaranteed by design
10
ms
Top
Operating temperature
range
-40
+85
°C
Notes:
(1)
Typical specifications are not guaranteed.
(2)
No load on DOUT line.
(3)
Input clock in static mode.
(4)
Duty cycle: min = 40% max = 60%
(5)
Time from the first clock edge to valid output data.
Table 4: Distortion specifications
Parameter
Test condition
Value
Distortion
100 dBSPL (50 Hz - 4 kHz)
< 1% THD + N
Distortion
115 dBSPL (1 kHz)
< 5% THD + N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com