Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB02TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # MP34DB02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MP34DB02TR Datasheet HTML 9Page - STMicroelectronics MP34DB02TR Datasheet HTML 10Page - STMicroelectronics MP34DB02TR Datasheet HTML 11Page - STMicroelectronics MP34DB02TR Datasheet HTML 12Page - STMicroelectronics MP34DB02TR Datasheet HTML 13Page - STMicroelectronics MP34DB02TR Datasheet HTML 14Page - STMicroelectronics MP34DB02TR Datasheet HTML 15Page - STMicroelectronics MP34DB02TR Datasheet HTML 16Page - STMicroelectronics MP34DB02TR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
MP34DB02
14/17
DocID026103 Rev 2
7.2
RHLGA package information
Figure 7: RHLGA 4LD 3x4 mm (metal cap) 0.25 mm port hole package outline
Table 9: RHLGA 4LD 3x4 mm (metal cap) 0.25 mm port hole package mechanical data
Symbol
mm.
Min.
Typ.
Max.
A1
0.900
1.000
1.100
A2
0.200
0.250
0.300
D1
3.900
4.000
4.100
D2
0.900
1.000
1.100
D3
1.000
1.100
1.200
D4
3.610
3.700
3.790
R1
0.200
0.250
0.300
R2
0.280
R3
0.250
E1
2.900
3.000
3.100
E2
1.300
1.500
1.700
E4
2.610
2.700
2.790
L1
0.650
0.700
0.750
L2
0.850
0.900
0.950
N1
1.000
1.050
1.100
N2
0.400
0.450
0.500
T1
0.350
0.400
0.450
T2
0.550
0.600
0.650
G1
3.050
3.100
3.150
G2
3.750
3.800
3.850
G3
2.050
2.100
2.150
TOP VIEW
BOTTOM VIEW
1
2
3
4
A1
d K
N2
L2
T2
T2
G7
G4
G3
2XG6
G5xG5 Pin 1 Indicator
d K
j KD
j KE
E1
E2
M
A2
E4
E
D
R2
R3
8413120_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com