Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB02TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP34DB02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02TR Datasheet(HTML) 1 Page - STMicroelectronics

  MP34DB02TR Datasheet HTML 1Page - STMicroelectronics MP34DB02TR Datasheet HTML 2Page - STMicroelectronics MP34DB02TR Datasheet HTML 3Page - STMicroelectronics MP34DB02TR Datasheet HTML 4Page - STMicroelectronics MP34DB02TR Datasheet HTML 5Page - STMicroelectronics MP34DB02TR Datasheet HTML 6Page - STMicroelectronics MP34DB02TR Datasheet HTML 7Page - STMicroelectronics MP34DB02TR Datasheet HTML 8Page - STMicroelectronics MP34DB02TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2016
DocID026103 Rev 2
1/17
This is information on a product in full production.
www.st.com
MP34DB02
MEMS audio sensor omnidirectional digital microphone
Datasheet - production data
Features
•
Single supply voltage
•
Low power consumption
•
120 dBSPL acoustic overload point
•
62.6 dB signal-to-noise ratio
•
Omnidirectional sensitivity
•
–26 dBFS sensitivity
•
PDM single-bit output with option for stereo
configuration
•
RHLGA package
−
Bottom-port design
−
SMD-compliant
−
EMI-shielded
−
ECOPACK
®, RoHS and “Green”
compliant
Applications
•
Mobile terminals
•
Laptop and notebook computers
•
Portable media players
•
VoIP
•
Speech recognition
•
A/V eLearning devices
•
Gaming and virtual reality input devices
•
Digital still and video cameras
•
Antitheft systems
Description
The MP34DB02 is an ultra-compact, low-power,
omnidirectional, digital MEMS microphone built
with a capacitive sensing element and an IC
interface with stereo operation capability.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process
dedicated to produce audio sensors.
The IC interface is manufactured using a CMOS
process that allows designing a dedicated circuit
able to provide a digital signal externally in PDM
format.
The MP34DB02 has an acoustic overload point
of 120 dBSPL with a best-on-the-market 62.6 dB
signal-to-noise ratio and -26 dBFS sensitivity.
The MP34DB02 is available in a bottom-port,
SMD-compliant, EMI-shielded package and is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
Table 1: Device summary
Part number
Temp.
range [°C]
Package
Packing
MP34DB02TR
-40 to +85
RHLGA 4 LD
(3x4x1) mm
Tape and
reel


Similar Part No. - MP34DB02TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DB01TR STMICROELECTRONICS-MP34DB01TR Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
More results

Similar Description - MP34DB02TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP34DT06J STMICROELECTRONICS-MP34DT06J Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone
30-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com