Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2211 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2211 Datasheet HTML 1Page - Vicor Corporation PI2211 Datasheet HTML 2Page - Vicor Corporation PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 2 of 26
PI2211

Pin Descriptions
Pin Name
Pin
Number
Description
BUS
7
Bus input power.
VCC
6
Positive supply input. Derived internally from BUS for voltages > 4.5Vdc, externally from VAUX for
lower BUS voltages.
UV/EN
20
BUS voltage sense for under-voltage fault. An enable or disable for the controller.
OV
19
BUS voltage sense for over-voltage fault.
CSP
8
Current sense positive location input.
CSN
10
Current sense negative location input.
DRN
9
MOSFET drain sense .
SRC
12
MOSFET source sense.
GDR
11
MOSFET gate drive.
PWRGD
21
Power good indicator.
GND
13, 14, 15
Controller ground reference.
SEL
16
Programming option for SOA programming with external resistors.
RACC
24
Internal current programming resistor.
TIMER
23
Programmable delay timer to inhibit the start of the controller.
SOAS
22
SOA current programming resistor.
SOAR
4
SOA thermal programming resistor.
SOAT
3
SOA transient response programming resistor.
-
1, 2, 5, 17,
18
No connects, pins are to be left floating.
TAB
TAB
No electrical connection; receiving footprint is required to achieve a RθJ-A of 46°C/W. Can be
electrically connected to PI2211 GND only.
Ordering Information
Part Number
Description
PI2211-00-QAIG
24 lead QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com