Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2211 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2211 Datasheet HTML 1Page - Vicor Corporation PI2211 Datasheet HTML 2Page - Vicor Corporation PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 3 of 26
PI2211

Absolute Maximum Ratings – Exceeding these parameters may result in permanent damage to the product.
CSP, CSN, GDR, SRC, PWRGD, DRN
-0.3 to 21 Vdc, 10 mA
BUS
-0.3 to 21 Vdc, 20 mA
SOAT, SOAR, SOAS, Timer, RACC, UV, OV
-0.3 to 6 Vdc, 10 mA
VCC
-0.3 to 6 Vdc, 20 mA
Storage Temperature
-65 to 150 °C
Operating Temperature - TA
-40 to 125 °C
Reflow temperature, 20 s exposure
260 °C
ESD, Human body model (HBM)
-2000 to 2000 V
MSL
Level 1
Recommended Electrical Specifications
Parameter
Notes
Min
Typ
Max
Units
Junction Temperature
-40
125
°C
SRC, DRN, CSP, CSN
14
Vdc
BUS
0.9
14
Vdc
VCC capacitor
VCC bypass capacitor
1
10
µF
Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, BUS > 4.5 to 14 Volts (No Auxiliary Supply at VCC), BUS = 0.9 to 4.5 Volts ( 3.8 V < VCC
< VCC Clamp). RACC = 20.0k
Parameter
Min
Typ
Max
Units
Conditions
VCC Supplied from VAUX using RAUX
(1).
(BUS = 0.9 to 4.5 V)
VAUX Range (with series RAUX)
4.5
14.0
V
Required for BUS = 0.9 to 4.5V
Operating Icc
7
13
mA
UV/EN pin enabled
Standby Icc
6
12
mA
UV/EN pin disabled
Vcc Clamp
4.5
5.2
V
Operating ICC range
VCC derived from BUS
(BUS = 4.5 to 14 Volts, No VAUX Supply)
Operating ICC from BUS pin
8
mA
UV/EN pin enabled
Standby ICC from BUS pin
40
100
uA
UV/EN pin disabled
POR (VCC derived)
3.2
V
VCC Regulation
3.8
4.3
V
Operating ICC range, UV/EN pin
enabled.
UV/EN and OV
Disable Threshold (pin UV/EN)
0.375
V
200us delay after UVLO low trip
Enable Threshold (pin UV/EN)
0.575
V
Enable Pin Blanking Filter (pin UV/EN)
100
300
us
Threshold Hysteresis (pin UV/EN)
50
mV
UVLO Threshold (Low to High Transition of VIN)
0.725
0.75
0.775
V
UVLO De-asserted
UVLO Hysteresis
50
75
100
mV
Note 1: VAUX is defined on Page 11 and is shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com