Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2211 Datasheet(PDF) 21 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 21 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 17Page - Vicor Corporation PI2211 Datasheet HTML 18Page - Vicor Corporation PI2211 Datasheet HTML 19Page - Vicor Corporation PI2211 Datasheet HTML 20Page - Vicor Corporation PI2211 Datasheet HTML 21Page - Vicor Corporation PI2211 Datasheet HTML 22Page - Vicor Corporation PI2211 Datasheet HTML 23Page - Vicor Corporation PI2211 Datasheet HTML 24Page - Vicor Corporation PI2211 Datasheet HTML 25Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 21 of 26
PI2211

For example: A MOSFET with a RθJ-C of 2.5°C/W, a BUS
voltage of 12V, and a start-up current limit of 6.25A will yield
the following RθJ-C scaling factor:
Using the thermal impedance curves shown in Figure 16 and
a RθJ-C scalar of 0.32, the intersection with the single pulse
curve produces a pulse width of 1.4ms. To summarize, a
1.4ms pulse of 75W across this particular MOSFET should
raise the junction to case temperature by 60°C.
Knowing the pulse width, TauP can be calculated using the
equation below:
[
[
[
[
]]
]
]
Where; PULSE is the pulse width taken from the RθJ-C thermal
impedance curves,
RθC-A is the default junction to case thermal
impedance of 60°C/W,
RθJ-C is the maximum junction-to-case value of the
MOSFET scaled by the ratio of the FET's RθC-A and the
default RθC-A .
Power is the nominal BUS voltage multiplied by the
current programmed via RSOAS.
Power = BUS * RSOAS * .0025
The power across the MOSFET is calculated by the PI2211 as
the product of the BUS voltage and the programmed current
as determined by RSOAS.
Knowing TauP, RSOAT can be calculated using the equation
below:
Using junction-to-case thermal impedance curves is a good
method to determine the duration of the power pulse since
the junction-to-case heats up much faster than the case-to-
ambient and they are typically the most accurate thermal
curves published.
The MOSFET in Figure 16 reaches its normalized RθJ-C value at
about 50ms. MOSFETs with larger die sizes can take much
longer to reach their normalized value, even though they
might be in the same package. As this single pulse time
increases, then effect of the RθJ-A will become more dominate
and the RθJ-A single-pulse thermal impedance curve should be
used to determine the pulse width for a 60°C junction rise.
4) Under and Over-Voltage Programming:
As is shown in Figure 7, there is a programmable window of
BUS voltage range where the PI2211 is guaranteed to be
operational. This window is defined by the OV pin voltage
being ≤ 0.675Vdc and the UV/EN pin voltage being ≥
0.750Vdc. The user should be aware that VBUSMAX , when
calculated using the following equations, is the maximum
voltage where the controller is guaranteed to be operational,
not the maximum voltage where the controller faults.
Figure 17 - Resistor divider options for UV and OV threshold
programming.
To calculate the OV and UV resistor divider ratios for separate
networks:
Using a three resistor string (RHI, RMID, RLO); when VBUSMIN the
voltage on UV is 0.75V, when VBUSMAX the voltage on OV is
0.675V. The ratio of the RMID to RLOW can be determined once
the ratio of VBUSMAX to VBUSMIN is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com