Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7543JS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7543JS
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543JS Datasheet(HTML) 4 Page - Exar Corporation

  MP7543JS Datasheet HTML 1Page - Exar Corporation MP7543JS Datasheet HTML 2Page - Exar Corporation MP7543JS Datasheet HTML 3Page - Exar Corporation MP7543JS Datasheet HTML 4Page - Exar Corporation MP7543JS Datasheet HTML 5Page - Exar Corporation MP7543JS Datasheet HTML 6Page - Exar Corporation MP7543JS Datasheet HTML 7Page - Exar Corporation MP7543JS Datasheet HTML 8Page - Exar Corporation MP7543JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7543
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 5 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
12
12
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
J, A, S
+1+1
K, B, T
+1/2
+1/2
Differential Non-Linearity
DNL
LSB
Monotonicity:
J, A, S
+2+2
11 Bits Guaranteed
K, B, T
+1+1
12 Bits Guaranteed
Gain Error
GE
LSB
Using Internal RFB
J, A, K, B, S, T
+12.3
+14.5
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+50
+100
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Output Leakage Current
IOUT
nA
J, K, A, B
+10
+10
S, T
+10
+200
DYNAMIC PERFORMANCE
Current Output Settling Time2
tS
22
µsRL=100Ω, CL=13pF
Full Scale Output Settles to
1/2 LSB of Final Value
AC Feedthrough at IOUT12
FT
2.5
2.5
mV p-p
VREF = 10kHz, 20 Vp-p, sinewave
REFERENCE INPUT
Input Resistance
RIN
5
10
20
5
20
k
Ω
DIGITAL INPUTS3
Logical “1” Voltage
VIH
3.0
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+1
µA
ANALOG OUTPUTS2
Output Capacitance
COUT1
260
260
pF
DAC Inputs all 1’s
COUT1
100
100
pF
DAC Inputs all 0’s
COUT2
50
50
pF
DAC Inputs all 1’s
COUT2
210
210
pF
DAC Inputs all 0’s
POWER SUPPLY
Supply Voltage
VDD
4.75
5.25
4.75
5.25
V
VDD = +5 V +5% for specified
performance
Supply Current
IDD
2.5
2.5
mA
All digital inputs = 0 V or all = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com