Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7543JS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7543JS
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543JS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7543JS Datasheet HTML 3Page - Exar Corporation MP7543JS Datasheet HTML 4Page - Exar Corporation MP7543JS Datasheet HTML 5Page - Exar Corporation MP7543JS Datasheet HTML 6Page - Exar Corporation MP7543JS Datasheet HTML 7Page - Exar Corporation MP7543JS Datasheet HTML 8Page - Exar Corporation MP7543JS Datasheet HTML 9Page - Exar Corporation MP7543JS Datasheet HTML 10Page - Exar Corporation MP7543JS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP7543
7
Rev. 2.00
APPLICATION NOTES
Refer to Section 8 for Applications Information
Figure 1. MP7543 8085 Interface
ADDRESS BUS (16)
A0-15
8212
E1
E3
E2
8205
MP7543
LD2 STB2
SR1
STB3
STB1
STB4
LD1
FROM SYSTEM RESET
(8) AD0-7
DATA
8085
(8)
ALE
WR
SOD
+5 V
DECODER
ADDRESS (16)
DATA (8)
+5 V
CLR
Figure 2. MP7543 MC6800 Interface
ADDRESS BUS (16)
A0-15
E1
E3
E2
8205
MP7543
LD2 STB1
SR1
STB3
STB2
STB4
LD1
FROM SYSTEM RESET
DATA BUS (8)
6800
D0
DECODER
ADDRESS (16)
DATA (8)
+5 V
CLR
D7
R/W
φ2
Figure 3. Digitally Programmable
Gain Amplifier
MP7543
VIN
IOUT1
RFB
VREF
VOUT
–
+
IOUT2
Digital Input
Graph 1. Relative Accuracy vs. Digital Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com