Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7543JS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7543JS
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543JS Datasheet(HTML) 1 Page - Exar Corporation

  MP7543JS Datasheet HTML 1Page - Exar Corporation MP7543JS Datasheet HTML 2Page - Exar Corporation MP7543JS Datasheet HTML 3Page - Exar Corporation MP7543JS Datasheet HTML 4Page - Exar Corporation MP7543JS Datasheet HTML 5Page - Exar Corporation MP7543JS Datasheet HTML 6Page - Exar Corporation MP7543JS Datasheet HTML 7Page - Exar Corporation MP7543JS Datasheet HTML 8Page - Exar Corporation MP7543JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7543
1
Rev. 2.00
5 V CMOS
Serial Input 12-Bit
Digital-to-Analog Converter
FEATURES
• 12-Bit DAC with Serial Digital Input Interface
• Nonlinearity +1/2 LSB from Tmin to Tmax
• Lowest Sensitivity to Amplifier VOS
• Low Output Capacitance
• Full 4-Quadrant Multiplication
• Latch-Up Free
• Asynchronous CLEAR Input
• Serial Load On Positive or Negative Strobes
• +5 V Supply Operation
• 3 V Version: MP75L43
• 4-Bit Parallel Version: MP7542
BENEFITS
• Compatible with Serial Addressing Systems
GENERAL DESCRIPTION
The MP7543 is a precision, 12-bit CMOS 4-quadrant multi-
plying Digital-to-Analog Converter designed for serial interface
applications.
The MP7543 consists of two 12-bit registers, control logic and
a 12-bit multiplying D/A converter. The input register (register A)
is a 12-bit serial-in parallel-out shift register. Serial data at the
SR1 pin is clocked into Register A on the leading or trailing edge
(user selected) of the strobe input, with the MSB loaded first.
Register B is a 12-bit parallel-in parallel-out register that follows
register A. The contents of register A are loaded into register B
under control of the Load inputs.
A CLEAR input is provided for the asynchronous resetting of
register B to all 0’s.
The MP7543 is manufactured using an advanced thin film
monolithic CMOS fabrication process. A unique decoding tech-
nique is utilized yielding excellent accuracy and stability. 12-bit
linearity is achieved without laser trimming.
The MP7543 reduces the additional linearity errors due to
output amplifier offset to only 330
µV per millivolt of offset - half
the value of a standard R-2R CMOS DAC design approach.
SIMPLIFIED BLOCK DIAGRAM
12-Bit D/A Converter
DAC Register B
Register A
12-Bit Shift Register
Load
STB1
STB4
STB2
AGND
SRI
DGND
VREF
RFB
VDD
IOUT1
IOUT2
CLR
LD1
LD2
STB3


Similar Part No. - MP7543JS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJN EXAR-MP7541BJN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJS EXAR-MP7541BJS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKN EXAR-MP7541BKN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKS EXAR-MP7541BKS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results

Similar Description - MP7543JS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7542 EXAR-MP7542 Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com