Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJNON-MAGNETIC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJNON-MAGNETIC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Epoxy Bonding)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJNON-MAGNETIC Datasheet(HTML) 3 Page - Vishay Siliconix

  VJNON-MAGNETIC Datasheet HTML 1Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 2Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 3Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 4Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 5Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 6Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 7Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 8Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VJ Non-Magnetic Series for Epoxy Bonding
www.vishay.com
Vishay Vitramon
Revision: 05-Dec-16
3
Document Number: 45128
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) DC voltage rating should not be exceeded in application
(2) Selected values for X5R, see dielectric selection chart
ORDERING INFORMATION
VJ0603
Y
102
K
N
A
A
O
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
3640
A = C0G
Y = X7R
G = X5R (2)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An “R”
indicates a
decimal point.
Examples
102 = 1000 pF
1R0 = 1.0 pF
C0G(NP0):
< 10 pF
C = ± 0.25 pF
D = 0.5 pF
 10 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
X5R / X7R:
J = ± 5 %
K = ± 10 %
M = ± 20 %
N =
non-magnetic
Q = 10 V
J = 16 V
X = 25 V
A = 50 V
K = 75 V
B = 100 V
C = 200 V
E = 500 V
L = 630 V
G = 1000 V
R = 1500 V
F = 2000 V
H = 3000 V
A =
unmarked
T = 7" reel / plastic tape
R = 11 1/4" / 13" reel / plastic tape
O = 7" reel / flamed paper tape
I = 11 1/4" / 13" reel /
flamed paper tape
J = 7" reel (low quantity)
DIMENSIONS in inches (millimeters)
CASE
CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATIONS
(P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.006 / - 0.004
(1.00 + 0.15 / - 0.10)
0.020 ± 0.004
(0.50 ± 0.10)
0.024
(0.60)
0.004
(0.10)
0.016
(0.41)
0603
VJ0603
0.063 ± 0.006
(1.60 ± 0.15)
0.031 ± 0.006
(0.80 ± 0.15)
0.038
(0.92)
0.012
(0.30)
0.018
(0.46)
0805
VJ0805
0.079 ± 0.008
(2.00 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.057
(1.45)
0.010
(0.25)
0.028
(0.71)
1206
VJ1206
0.126 ± 0.010
(3.20 ± 0.25)
0.063 ± 0.010
(1.60 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1210
VJ1210
0.126 ± 0.010
(3.20 ± 0.25)
0.098 ± 0.010
(2.50 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1808
VJ1808
0.177 ± 0.012
(4.50 ± 0.30)
0.080 ± 0.010
(2.03 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.030
(0.76)
1812
VJ1812
0.177 ± 0.012
(4.50 ± 0.30)
0.126 ± 0.010
(3.20 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
1825
VJ1825
0.177 ± 0.012
(4.50 ± 0.30)
0.252 ± 0.010
(6.40 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
2220
VJ2220
0.220 ± 0.008
(5.59 ± 0.20)
0.200 ± 0.010
(5.08 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
2225
VJ2225
0.220 ± 0.010
(5.59 ± 0.25)
0.250 ± 0.010
(6.35 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
3640
VJ3640
0.360 ± 0.015
(9.14 ± 0.38)
0.400 ± 0.015
(10.20 ± 0.38)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
L
W
T
MAX.
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com