Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VJNON-MAGNETIC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJNON-MAGNETIC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Epoxy Bonding)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJNON-MAGNETIC Datasheet(HTML) 4 Page - Vishay Siliconix

  VJNON-MAGNETIC Datasheet HTML 1Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 2Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 3Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 4Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 5Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 6Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 7Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 8Page - Vishay Siliconix VJNON-MAGNETIC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
VJ Non-Magnetic Series for Epoxy Bonding
www.vishay.com
Vishay Vitramon
Revision: 05-Dec-16
4
Document Number: 45128
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Flamed paper tape • Plastic tape
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ0402
VJ0603
VJ0805
CASE CODE
0402
0603
0805
VOLTAGE (VDC)
10
16
25
50
100
10
16
25
50
100
200
10
16
25
50
100
200
500
VOLTAGE CODE
Q
J
X
A
B
Q
J
X
A
B
C
Q
J
X
A
B
C
E
CAP. CODE
CAP.
1R0
1.0 pF
••
••
••
••
••
••
••
••
••
••
••
1R2
1.2 pF
••
••
••
••
••
••
••
••
••
••
••
1R5
1.5 pF
••
••
••
••
••
••
••
••
••
••
••
1R8
1.8 pF
••
••
••
••
••
••
••
••
••
••
••
2R2
2.2 pF
••
••
••
••
••
••
••
••
••
••
••
2R7
2.7 pF
••
••
••
••
••
••
••
••
••
••
••
3R3
3.3 pF
••
••
••
••
••
••
••
••
••
••
••
3R9
3.9 pF
••
••
••
••
••
••
••
••
••
••
••
4R7
4.7 pF
••
••
••
••
••
••
••
••
••
••
••
5R6
5.6 pF
••
••
••
••
••
••
••
••
••
••
••
6R8
6.8 pF
••
••
••
••
••
••
••
••
••
••
••
8R2
8.2 pF
••
••
••
••
••
••
••
••
••
••
••
100
10 pF
••
••
••
••
••
••
••
••
••
••
••
120
12 pF
••
••
••
••
••
••
••
••
••
••
••
150
15 pF
••
••
••
••
••
••
••
••
••
••
••
180
18 pF
••
••
••
••
••
••
••
••
••
••
••
220
22 pF
••
••
••
••
••
••
••
••
••
••
••
270
27 pF
••
••
••
••
••
••
••
••
••
••
••
330
33 pF
••
••
••
••
••
••
••
••
••
••
••
390
39 pF
••
••
••
••
••
••
••
••
••
••
••
470
47 pF
••
••
••
••
••
••
••
••
••
••
••
560
56 pF
••
••
••
••
••
••
••
••
••
••
••
680
68 pF
••
••
••
••
••
••
••
••
••
••
••
820
82 pF
••
••
••
••
••
••
••
••
••
••
••
101
100 pF
••
••
••
••
••
••
••
••
••
••
••
121
120 pF
••
••
••
••
••
••
••
••
••
••
••
151
150 pF
••
••
••
••
••
••
••
••
••
••
••
181
180 pF
••
••
••
••
••
••
••
••
••
••
221
220 pF
••
••
••
••
••
271
270 pF
••
••
••
••
••
331
330 pF
••
••
••
••
••
391
390 pF
••
••
••
••
••
471
470 pF
••
••
••
••
561
560 pF
••
••
••
••
681
680 pF
••
••
••
••
821
820 pF
••
••
••
102
1.0 nF
••
••
••
122
1.2 nF
••
••
152
1.5 nF
••
••
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com