Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175xyE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VDRS14T175xyE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175xyE Datasheet(HTML) 5 Page - Vishay Siliconix

  VDRS14T175xyE Datasheet HTML 1Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 2Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 3Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 4Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 5Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
5
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF PULSE
WIDTH
Note
(1) Tmax. and E values per size and voltage level can be found back in the Electrical Data table
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 μs)
VDRS05
100 or 400
A
VDRS07
250 or 1200
A
VDRS10
500 or 2500
A
VDRS14
1000 or 4500
A
VDRS20
2000 or 6500
A
Thermal resistance:
VDRS05
80
K/W
VDRS07
 70
K/W
VDRS10
 60
K/W
VDRS14
 50
K/W
VDRS20
 40
K/W
Maximum dissipation:
VDRS05
100
mW
VDRS07
250
mW
VDRS10
400
mW
VDRS14
600
mW
VDRS20
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
2500
VAC
Storage temperature
-40 to +125
°C
Operating temperature
-40 to +85
°C
100 %
0
- 40
85
T
amb (°C)
125
Maximum Voltage
Maximum Dissipation
Maximum Energy
Maximum Transient Current
t (µs)
t
2
t
1
I
p
(%)
100
0
10
50
90
t
2 (µs)
20
50
100
1000
K
1
1.2
1.3
1.4
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D
MAX.
A
MAX.
A0
MAX.
L
MIN.
T (1)
MAX.
E (1)
dF
CATALOG
NUMBER
V
 320 V V > 320 V V  300 V V > 300 V V  320 V V > 320 V
7.0
9.0
11.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRS05
9.0
11.0
13.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRS07
12.0
12.5
14.5
15.0
16.5
17.0
17.0
8.0
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRS10
16.0
16.5
19.0
21.0
21.5
16.0
8.0
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRS14
22.5
23.0
25.5
27.5
28.0
24.0
10.0
1.1 to 5.8
1.0 ± 0.05
10 ± 1.0
VDRS20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com