Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175xyE Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VDRS14T175xyE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175xyE Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VDRS14T175xyE Datasheet HTML 5Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 9Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 10Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 11Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 12Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
9
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPED VERSION WITH KINKED LEADS
(only for VDRS05 and VDRS07)
TAPED VERSION WITH FLANGED LEADS
(only for VDRS05 and VDRS07)
TAPED VERSION WITH KINKED LEADS
(only for VDRS10 and VDRS14)
Notes
(1) Guaranteed between component and tape
(2) For VDRS14T510xSE and VDRS14T550xSE: H = 20 mm ± 1 mm
T
1
t
T
Δh
Δh
A
0
P
0
P
1
D
0
L
W
0
W
2
W
1
H
0
W
F
d
D
P
Δp
Δp
L
P
0
P
1
D
0
W
0
W
2
W
1
T
1
t
H
0
F
d
D
P
Δp
Δp
T
Δh
Δh
A
0
W
TAPING DATA (based on IEC 60286-2)
SYMBOL
PARAMETER
DIMENSIONS/TOLERANCE
VDRS05 VDRS07 VDRS10 VDRS14
A max.
Max.
mounting
height
V
 300 V
9.0
11.0
14.5
19.0
V > 300 V
15.0
A0 max.
Max.
mounting
height
V
 320 V
11.0
13.0
16.5
21.0
V > 320 V
17.0
21.5
D max.
Max.
body
diameter
V
 320 V
7.0
9.0
12.0
16.0
V > 320 V
12.5
16.5
d
Lead wire
diameter
0.6 ± 0.05
0.8 ± 0.05
F
Lead to lead
distance (1)
5.0 + 0.8/- 0.2
7.5 ± 0.8
H
Distance
component
to tape
center (2)
20.0 + 2.0/- 0.0
18.0 + 2.0/- 0.0
H0
Lead wire
clinch height
16.0 or 18.25 ± 0.5
P
Pitch of
components
on tape
12.7 ± 1.0
25.4 ± 1.0
T
Total
thickness
See Electrical Data table
T
Δh
Δh
A
0
T
1
t
P
0
P
1
D
0
F
W
0
W
2
W
1
H
0
W
d
D
P
Δp
Δp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com