Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175xyE Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VDRS14T175xyE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175xyE Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VDRS14T175xyE Datasheet HTML 9Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 10Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 11Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 12Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 13Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 14Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 15Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 16Page - Vishay Siliconix VDRS14T175xyE Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
13
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
14 VRMS to 40 VRMS; VDRS14
50 VRMS to 230 VRMS; VDRS14
250 VRMS to 550 VRMS; VDRS14
10
100
1000
CURRENT (A)
040
035
030
025
020
017
014
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
10
100
1000
CURRENT (A)
230
175
150
140
130
095
075
060
050
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
104
100
1000
CURRENT (A)
550
510
460
420
385
350
320
300
275
250
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com