Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS17VA-R03155 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS17VA-R03155
Description  SS Coils, SS17VA/HA Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17VA-R03155 Datasheet(HTML) 1 Page - Kemet Corporation

  SS17VA-R03155 Datasheet HTML 1Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 2Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 3Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 4Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 5Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 6Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 7Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0026_SS17VA/HA • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 20 mH
• Rated Currents up to 1.7 A
• DCResistancesaslowas0.12Ω
Overview
TheKEMETSSCoils,SS17VA/HATypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS17VA/HA Type
AC Line Filters
41
Common mode
Marking
Marking
16±0.5
ø0.7±0.1
19max.
10±0.5
16.85max.
16
8±1
ø0.6±0.1
12±1
12±1
17±1
12
Series name
Core size(VA/HA shows a vertical or horizontal type)
Core type(Nothing shows standard core type, R shows a high-μ core type)
Current rating(03 shows 0.3A)
Inductance(155 shows 15.5mH)
• Rated voltage:250VAC
• Thermal class:E(120℃)
• Withstanding voltage:AC 2400V for 2seconds (between lines)
• Operating temperature range(℃):-25 to T (T=120-temperature rise)
• Inductance measurement condition:1kHz, 1V, KC530 or equivalent
Model
Rated
current
AC(A)
Wire
diameter
(mm)
Temperature
rise(K)
max.
DC resistance
( /line)
max.
Inductance
(mH)
min.
Marking
Weight
approx.
(g)
Numbering System
SS17VA/HA-03155
SS17VA/HA-04085
SS17VA/HA-05070
SS17VA/HA-06060
SS17VA/HA-07045
SS17VA/HA-08035
SS17VA/HA-10015
SS17VA/HA-11013
SS17VA/HA-13010
SS17VA/HA-17005
SS17VA/HA-R03200
SS17VA/HA-R04110
SS17VA/HA-R05090
SS17VA/HA-R06075
SS17VA/HA-R07060
SS17VA/HA-R08045
SS17VA/HA-R10025
SS17VA/HA-R11015
SS17VA/HA-R13012
SS17VA/HA-R17007
2.60
1.40
1.10
0.84
0.70
0.45
0.38
0.24
0.18
0.12
2.60
1.40
1.10
0.84
0.70
0.45
0.38
0.24
0.18
0.12
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.3
1.7
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.3
1.7
0.20
0.23
0.25
0.28
0.30
0.30
0.37
0.37
0.40
0.45
0.20
0.23
0.25
0.28
0.30
0.30
0.37
0.37
0.40
0.45
15.5
8.5
7.0
6.0
4.5
3.5
1.5
1.3
1.0
0.5
20.0
11.0
9.0
7.5
6.0
4.5
2.5
1.5
1.2
0.7
5.7
5.6
5.8
5.8
5.9
8.9
6.0
5.7
5.7
5.7
5.7
5.6
5.8
5.8
5.9
8.9
6.0
5.7
5.7
5.7
48
53
55
45
50
58
50
65
55
55
48
53
55
45
50
58
50
65
55
55
03 Lot No.
04 Lot No.
05 Lot No.
06 Lot No.
07 Lot No.
08 Lot No.
10 Lot No.
11 Lot No.
13 Lot No.
17 Lot No.
R03 Lot No.
R04 Lot No.
R05 Lot No.
R06 Lot No.
R07 Lot No.
R08 Lot No.
R10 Lot No.
R11 Lot No.
R13 Lot No.
R17 Lot No.
Shape and Dimensions
[mm]
SS 17VA/HA -
03 155
�
   ��
�
�
bSS17VA
bSS17HA
SS Coils
SS17VA/HA Type
[RoHS Compliant]
SS Coils
SS17VA/HA Type
[RoHS Compliant]
Part Number System
SS
17
VA-
R
03
155
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SS
17 = 17.0
VA- = Vertical
HA- = Horizontal
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 03 = 0.3 A)
xx = x.x A (e.g., 13 = 1.3 A)
00x = 0.x mH (e.g., 005 = 0.5 mH)
0xx = x.x mH (e.g., 035 = 3.5 mH)
xxx = xx.x mH (e.g., 155 = 15.5 mH)


Similar Part No. - SS17VA-R03155

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R10025 KEMET-SS17VA-R10025 Datasheet
87Kb / 1P
Commercial Grade, SS17VA/HA, 2500 uH
More results

Similar Description - SS17VA-R03155

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R10025 KEMET-SS17VA-R10025 Datasheet
87Kb / 1P
Commercial Grade, SS17VA/HA, 2500 uH
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
SS Coils, SS11VL High Frequency Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
SS Coils, SS28V/H-CH Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
SS Coils, SS17HB Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com