Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS17VA-R03155 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS17VA-R03155
Description  SS Coils, SS17VA/HA Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17VA-R03155 Datasheet(HTML) 3 Page - Kemet Corporation

  SS17VA-R03155 Datasheet HTML 1Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 2Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 3Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 4Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 5Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 6Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 7Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0026_SS17VA/HA • 6/16/2014
AC Line Filters – SS Coils, SS17VA/HA Type
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert VA for vertical core type or HA for horizontal core type.
Specifications
Frequency Characteristics
Item
SS17VA/HA
Rated Voltage
250 VAC
Withstanding Voltage
2400 VAC (2 seconds, between lines)
Thermal Class
E (120°C)
Operating Temperature Range
-25ºC to T (T = 120 - temperature rise)
Inductance Measurement Condition
1 kHz, 1 V, KC530 or equivalent
Part Number
Rated
Current AC
(A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Wire
Diameter
(mm)
Marking
Weight (g)
Approximate
SS17(1)-03155
0.3
15.5
2.60
48
0.20
03 Lot No.
5.7
SS17(1)-04085
0.4
8.5
1.40
53
0.23
04 Lot No.
5.6
SS17(1)-05070
0.5
7.0
1.10
55
0.25
05 Lot No.
5.8
SS17(1)-06060
0.6
6.0
0.84
45
0.28
06 Lot No.
5.8
SS17(1)-07045
0.7
4.5
0.70
50
0.30
07 Lot No.
5.9
SS17(1)-08035
0.8
3.5
0.45
58
0.30
08 Lot No.
8.9
SS17(1)-10015
1.0
1.5
0.38
50
0.37
10 Lot No.
6.0
SS17(1)-11013
1.1
1.3
0.24
65
0.37
11 Lot No.
5.7
SS17(1)-13010
1.3
1.0
0.18
55
0.40
13 Lot No.
5.7
SS17(1)-17005
1.7
0.5
0.12
55
0.45
17 Lot No.
5.7
SS17(1)-R03200
0.3
20.0
2.60
48
0.20
R03 Lot No.
5.7
SS17(1)-R04110
0.4
11.0
1.40
53
0.23
R04 Lot No.
5.6
SS17(1)-R05090
0.5
9.0
1.10
55
0.25
R05 Lot No.
5.8
SS17(1)-R06075
0.6
7.5
0.84
45
0.28
R06 Lot No.
5.8
SS17(1)-R07060
0.7
6.0
0.70
50
0.30
R07 Lot No.
5.9
SS17(1)-R08045
0.8
4.5
0.45
58
0.30
R08 Lot No.
8.9
SS17(1)-R10025
1.0
2.5
0.38
50
0.37
R10 Lot No.
6.0
SS17(1)-R11015
1.1
1.5
0.24
65
0.37
R11 Lot No.
5.7
SS17(1)-R13012
1.3
1.2
0.18
55
0.40
R13 Lot No.
5.7
SS17(1)-R17007
1.7
0.7
0.12
55
0.45
R17 Lot No.
5.7
AC Line Filters
42
Common mode
0.3A
0.5A
0.7A
1.0A
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
R10025
R08045
R07060
R11015
10015
08035
07045
11013
05070
04085
03155
06060
17005
13010
R05090
R04110
R03200
R06075
R17007
R13012
SS17VA/HA-03155
SU9V-03050
SS17VA/HA-05070
SU9V-05020
SS17VA/HA-10015
SU9V-10005
SS17VA/HA-07045
SU9V-07010
Impedance vs. Frequency
Frequency characterictic
Characterictic compare



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com