Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS17VA-R03155 Datasheet(PDF) 5 Page - Kemet Corporation

Part # SS17VA-R03155
Description  SS Coils, SS17VA/HA Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17VA-R03155 Datasheet(HTML) 5 Page - Kemet Corporation

  SS17VA-R03155 Datasheet HTML 1Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 2Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 3Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 4Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 5Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 6Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 7Page - Kemet Corporation SS17VA-R03155 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0026_SS17VA/HA • 6/16/2014
AC Line Filters – SS Coils, SS17VA/HA Type
Frequency Characteristics Comparison Cont’d
AC Line Filters
43
Common mode
Impedance vs. Frequency
Frequency characterictic
0.3A
0.4A
0.5A
0.7A
1.0A
1.3A
1.7A
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
SU10VFC-R17016
SS17VA/HA-R17007
SU10VFC-R10045
SS17VA/HA-R10025
SU9V-R10008
SU10VFC-R07088
SS17VA/HA-R07060
SU9V-R07017
SU10VFC-R05140
SU10VFC-R03370
SS17VA/HA-R03200
SU9V-R03090
SU10VFC-R04250
SS17VA/HA-R04110
SS17VA/HA-R05090
SU9V-R05034
SU10VFC-R13025
SS17VA/HA-R13012
AC Line Filters
43
Common mode
Impedance vs. Frequency
Frequency characterictic
0.3A
0.4A
0.5A
0.7A
1.0A
1.3A
1.7A
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
SU10VFC-R17016
SS17VA/HA-R17007
SU10VFC-R10045
SS17VA/HA-R10025
SU9V-R10008
SU10VFC-R07088
SS17VA/HA-R07060
SU9V-R07017
SU10VFC-R05140
SU10VFC-R03370
SS17VA/HA-R03200
SU9V-R03090
SU10VFC-R04250
SS17VA/HA-R04110
SS17VA/HA-R05090
SU9V-R05034
SU10VFC-R13025
SS17VA/HA-R13012
AC Line Filters
43
Common mode
Impedance vs. Frequency
Frequency characterictic
0.3A
0.4A
0.5A
0.7A
1.0A
1.3A
1.7A
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
SU10VFC-R17016
SS17VA/HA-R17007
SU10VFC-R10045
SS17VA/HA-R10025
SU9V-R10008
SU10VFC-R07088
SS17VA/HA-R07060
SU9V-R07017
SU10VFC-R05140
SU10VFC-R03370
SS17VA/HA-R03200
SU9V-R03090
SU10VFC-R04250
SS17VA/HA-R04110
SS17VA/HA-R05090
SU9V-R05034
SU10VFC-R13025
SS17VA/HA-R13012
AC Line Filters
43
Common mode
Impedance vs. Frequency
Frequency characterictic
0.3A
0.4A
0.5A
0.7A
1.0A
1.3A
1.7A
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
61
3
6
1
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
SU10VFC-R17016
SS17VA/HA-R17007
SU10VFC-R10045
SS17VA/HA-R10025
SU9V-R10008
SU10VFC-R07088
SS17VA/HA-R07060
SU9V-R07017
SU10VFC-R05140
SU10VFC-R03370
SS17VA/HA-R03200
SU9V-R03090
SU10VFC-R04250
SS17VA/HA-R04110
SS17VA/HA-R05090
SU9V-R05034
SU10VFC-R13025
SS17VA/HA-R13012



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com