Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC16552D Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC16552D
Description  Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC16552D Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC16552D Datasheet HTML 11Page - National Semiconductor (TI) PC16552D Datasheet HTML 12Page - National Semiconductor (TI) PC16552D Datasheet HTML 13Page - National Semiconductor (TI) PC16552D Datasheet HTML 14Page - National Semiconductor (TI) PC16552D Datasheet HTML 15Page - National Semiconductor (TI) PC16552D Datasheet HTML 16Page - National Semiconductor (TI) PC16552D Datasheet HTML 17Page - National Semiconductor (TI) PC16552D Datasheet HTML 18Page - National Semiconductor (TI) PC16552D Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
80 Registers (Continued)
Two identical register sets one for each channel are in the
DUART All register descriptions in this section apply to the
register sets in both channels
81 LINE CONTROL REGISTER
The system programmer specifies the format of the asyn-
chronous data communications exchange and sets the Divi-
sor Latch Access bit via the Line Control Register (LCR)
This is a read and write register Table II shows the contents
of the LCR Details on each bit follow
Bits 0 and 1
These two bits specify the number of data bits
in each transmitted or received serial character The encod-
ing of bits 0 and 1 is as follows
Bit 1
Bit 0
Data Length
0
0
5 Bits
0
1
6 Bits
1
0
7 Bits
1
1
8 Bits
Bit 2
This bit specifies the number of Stop bits transmitted
with each serial character If bit 2 is a logic 0 one Stop bit is
generated in the transmitted data If bit 2 is a logic 1 when a
5-bit data length is selected one and a half Stop bits are
generated If bit 2 is a logic 1 when either a 6- 7- or 8-bit
word length is selected two Stop bits are generated The
receiver checks the first Stop bit only regardless of the
number of Stop bits selected
Bit 3
This bit is the Parity Enable bit When bit 3 is a logic 1
a Parity bit is generated (transmit data) or checked (receive
data) between the last data bit and Stop bit of the serial
data (The Parity bit is used to produce an even or odd
number of 1s when the data bits and the Parity bit are
summed)
Bit 4
This bit is the Even Parity Select bit When parity is
enabled and bit 4 is a logic 0 an odd number of logic 1s is
transmitted or checked in the data word bits and Parity bit
When parity is enabled and bit 4 is a logic 1 an even num-
ber of logic 1s is transmitted or checked
Bit 5
This bit is the Stick Parity bit When parity is enabled it
is used in conjunction with bit 4 to select Mark or Space
Parity When bits 3 4 and 5 are logic 1 the Parity bit is
transmitted and checked as a logic 0 (Space Parity) If bits 3
and 5 are 1 and bit 4 is a logic 0 then the Parity bit is
transmitted and checked as a logic 1 (Mark Parity) If bit 5 is
a logic 0 Stick Parity is disabled
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART When it
is set to a logic 1 the serial output (SOUT) is forced to the
Spacing state (logic 0) The break is disabled by setting bit 6
to a logic 0 The Break Control bit acts only on SOUT and
has no effect on the transmitter logic
Composite Serial Data
TLC9426 – 21
Note
This feature enables the CPU to alert a terminal in a computer com-
munications system If the following sequence is followed no errone-
ous or extraneous characters will be transmitted because of the
break
1 Load an all 0s pad character in response to THRE
2 Set break after the next THRE
3 Wait for the transmitter to be idle (TEMT e 1) and clear break when
normal transmission has to be restored
During the break the Transmitter can be used as a character timer to accu-
rately establish the break duration
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It must
be set high (logic 1) to access the Divisor Latches of the
Baud Generator or the Alternate Function Register during a
Read or Write operation It must be set low (logic 0) to ac-
cess any other register
82 TYPICAL CLOCK CIRCUITS
TLC9426 – 18
TLC9426 – 19
Typical Crystal Oscillator Network (Note)
Crystal
RP
RX2
C1
C2
31 MHz
1 MX
15k
10 – 30 pF
40 – 60 pF
18 MHz
1 MX
15k
10 – 30 pF
40 – 60 pF
Note
These R and C values are approximate and may vary 2 x depending
on the crystal characteristics All crystal circuits should be designed
specifically for the system
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com